Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSW44LS3C1A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSW44LS3C1A
Description  Long Lifetime Operation
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSW44LS3C1A Datasheet(HTML) 1 Page - OptoSupply International

  OSW44LS3C1A Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
3
3..5
5x
x2
2..8
8x
x1
1..9
9m
mm
m P
Po
ow
we
er
r T
To
op
p P
Pu
ur
re
e W
Wh
hiitte
e S
SM
MD
D
L
LE
ED
D
OSW44LS3C1A
■
Features
■
Outline Dimension
●
High Luminous PLCC4 Power Top SMD LEDs
●
33..55xx22..88xx11..99mm Standard Directivity
●
Long Lifetime Operation
●
Superior Weather-resistance
●
UV Resistant Silicone
■
Applications
●
Automotive Dashboard Lighting
●
Traffic Signal Lamp
●
Back Lighting
●
Other Lighting
1.9
2.8
0.1Typ.
2.2
0.75
1
2
4
3
1
2
3
4
1.Anode
2,3,4. Cathode
Unit:mm
Tolerance:±0.30mm
■
Absolute Maximum Rating
(Ta=25
)
℃
■
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
50
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
190
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40~ +100
℃
Lead Soldering Temperature
Tsol
260℃/5sec
-
*Pulse width Max.10ms , Duty ratio max 1/10
0
0
■
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=50mA
3.0
3.3
3.8
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Luminous Flux*
Φ
v
IF=50mA
10
12
-
lm
Luminous Intensity*
Iv
IF=50mA
3000
4000
-
mcd
x
IF=50mA
-
0.31
-
Chromaticity
Coordinates*
y
IF=50mA
-
0.33
-
50% Power Angle
2θ1/2
IF=50mA
-
120
-
deg
*1 Tolerance of chromaticity coordinates is +10%
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSW44LS3C1A

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
OSW44LS1C1A E-OEC-OSW44LS1C1A Datasheet
106Kb / 1P
3.5x2.8x1.9mm Cool White SMD LED
logo
OptoSupply Internationa...
OSW44LS1C1A OPTOSUPPLY-OSW44LS1C1A Datasheet
106Kb / 1P
3.5x2.8x1.9mm Cool White SMD LED
OSW44LS1C1A OPTOSUPPLY-OSW44LS1C1A Datasheet
110Kb / 1P
3.5x2.8x1.9mm Pure White SMD LED
OSW44LS1C1A-HCRI OPTOSUPPLY-OSW44LS1C1A-HCRI Datasheet
108Kb / 1P
3.5x2.8x1.9mm Pure Whiite SMD LED
OSW44LS1C1AHCRI6 OPTOSUPPLY-OSW44LS1C1AHCRI6 Datasheet
108Kb / 1P
3.5x2.8x1.9mm pure white smd led
More results

Similar Description - OSW44LS3C1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB4XZE3E1E OPTOSUPPLY-OSB4XZE3E1E Datasheet
121Kb / 1P
Xeon 3 Power Blue LED Long Lifetime Operation Superior ESD protection
OSM5XAHBE1E OPTOSUPPLY-OSM5XAHBE1E Datasheet
502Kb / 2P
Tops 25 Power Warm White LED Long lifetime operation
OSM5XAHEE1E OPTOSUPPLY-OSM5XAHEE1E Datasheet
530Kb / 2P
Tops 200 (300) Power Warm White LED Long lifetime operation
OSOOJ23131A OPTOSUPPLY-OSOOJ23131A Datasheet
109Kb / 1P
3mm Round Orange & Orange LED Long Lifetime Operation
OSV5YL56A1A OPTOSUPPLY-OSV5YL56A1A Datasheet
107Kb / 1P
4.8mm Straw Violet LED 4.8mm Straw Standard Directivity Long Lifetime Operation
OSW4XAH5E1E OPTOSUPPLY-OSW4XAH5E1E Datasheet
465Kb / 2P
Tops 5 Power Pure White LED Long lifetime operation Stage lighting
OSW443T6C1E OPTOSUPPLY-OSW443T6C1E Datasheet
773Kb / 6P
Tops 6 Power Pure White Ceramic LED Long lifetime operation
OSYYJ23131A OPTOSUPPLY-OSYYJ23131A Datasheet
109Kb / 1P
3mm Round Yellow &Yellow LED High Luminous LEDs Long Lifetime Operation
OSYYJ25111A OPTOSUPPLY-OSYYJ25111A Datasheet
112Kb / 1P
5mm Round Yellow &Yellow LED Superior Weather-resistance Long Lifetime Operation
logo
XP Power Limited
CCB200 XPPOWER-CCB200 Datasheet
2Mb / 10P
Very Long Capacitor Lifetime
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com