Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSIM65 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSIM65
Description  Medical AC/DC Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSIM65 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSIM65 Datasheet HTML 1Page - Wall Industries,Inc. PSIM65 Datasheet HTML 2Page - Wall Industries,Inc. PSIM65 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc.
Rev A
PSIM65 SERIES
40~65 Watts, Medical AC/DC Power Supplies
06/26/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 3
SPECIFICATIONS: PSIM65 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
90
264
VAC
Input Frequency
47
63
Hz
115VAC and full load
1
Input Current (rms)
230VAC and full load
0.6
A
115VAC, cold start, 25°C
65
Inrush Current
230VAC, cold start, 25°C
130
A
OUTPUT SPECIFICATIONS
Output Voltage
See Table
-20°C to 0°C operating temperature
-10
+10
Output Regulation
0°C to +40°C operating temperature
-3
+3
%
5VDC output model
40
Output Power
Others
65
Output Current
See Table
Minimum Load
0
%
Ripple & Noise (20MHz BW)
Measured at 20MHz limited bandwidth and with a 100µF electrolytic
capacitor and a 0.1µF ceramic capacitor in parallel across the output
See Table
Hold-up Time
115VAC and 75% load
10
ms
PROTECTION
Over Voltage Protection
Shutdown and latch-off
AC recycle
Over Load Protection
automatic recovery
110
170
%
Short Circuit Protection
automatic recovery
GENERAL SPECIFICATIONS
5V output model
85
Efficiency
115VAC and full load
Others
87
%
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
Derating linearly 2.5% per °C from 41°C to +70°C
-20
+70
°C
Storage Temperature Range
-20
+85
°C
Humidity
Non-condensing
0
90
%
MTBF
Full load and 25°C ambient temperature
100,000
hours
PHYSICAL SPECIFICATIONS
Weight
4.23oz (120g)
Dimensions (L x W x H)
3.00 x 2.00 x 1.13 inch (76.2 x 50.8 x 28.7 mm)
Input Connector (CN1)
Mates with JST VHR-3N or equivalent
JST B3P-VH-B pitch: 7.92mm or equivalent
Output Connector (CN2)
Mates with JST VHR-4N or equivalent
JST B4P-VH-B pitch: 3.96mm or equivalent
SAFETY & EMC
ITE
UL60950-1, CSA-C22.2 NO.950-1, EN60950-1, CB IEC60950-1
Safety Approvals
Medical
UL60601-1 3rd ed.., EN60601-1 3rd ed., CSA-C22.2 No.60601-1 3rd ed., IEC EN60601-1 3rd ed.
ITE
EN55022 Class B, CISPR22 Class B, FCC Part 15 Class B, CE
EMC Standards
Medical
EN60601-1-2, FCC Part 18 Class B, EN55011 Class B, CE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com