Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSLSU60 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSLSU60
Description  AC/DC LED Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLSU60 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSLSU60 Datasheet HTML 1Page - Wall Industries,Inc. PSLSU60 Datasheet HTML 2Page - Wall Industries,Inc. PSLSU60 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc.
Rev C
PSLSU60 SERIES
60 Watts, AC/DC LED Power Supplies
07/08/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 3
SPECIFICATIONS: PSLSU60 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT SPECIFICATIONS
Safety Approvals Input Voltage Range
100
277
Input Voltage Range
Operating Input Voltage Range
90
305
VAC
Input Frequency
47
63
Hz
Io = Full Load, Vin = 100VAC
1.0
Input Current
Io = Full Load, Vin = 240VAC
0.4
A
Io = Full Load, 25°C, Cold Start, Vin = 115VAC
35
Inrush Current
Io = Full Load, 25°C, Cold Start, Vin = 230VAC
70
A
No Load Power Consumption
Io = No Load, Vin = 230VAC
1
W
Power Factor Correction (PFC)
Io = Full Load, Vin = 90~280VAC
0.90
1.0
OUTPUT SPECIFICATIONS
Output Voltage Range
See Note 1
See Table
Output Current Range
See Table
Output Power
60
W
Load Regulation
Vin = 230VAC
3
%
Line Regulation
Io = Full Load
0.5
1
%
Ripple & Noise (peak to peak)
Full Load, Vin = 90VAC
1
%
Transient Response Time
Full Load to Half Load, Vin = 100VAC
4
ms
Hold-Up Time (C.V. Mode)
Io = Full Load, Vin = 110VAC
8
ms
Start-Up Time
Io = Full Load, Vin = 100VAC
1
s
Temperature Coefficient
-0.04
+0.04
%/°C
PROTECTION
Over Voltage Protection
103
105
%
C.C. Mode
103
105
Over Current Protection
C.V. Mode
140
180
%
Over Temperature Protection
optional
GENERAL SPECIFICATIONS
Efficiency
Io = Full Load, Vin = 230VAC
84
90
%
Primary to Secondary
4242
Dielectric Withstanding Voltage
Primary to PE
2121
VDC
Isolation Resistance
Test Voltage = 500VDC
50
MΩ
Safety Ground Leakage Current
Vin = 240VAC/60Hz
0.75
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
Derating linearly from 100% Load at 50°C to 50% load at 70°C
-20
+70
°C
Storage Temperature
-40
+85
°C
Operating Humidity
0
95
%
Storage Humidity
0
95
%
Cooling
Free air convection
MTBF
Operating Temperature at 25°C, calculated per MIL-HDBK-217F
100,000
hours
PHYSICAL SPECIFICATIONS
Case Material
Plastic
Input Connector
SJTW, 18AWGx3C (1ft)
Output Connector
SJTW, 18AWGx2C (1ft)
Weight
Approx. 1.17~1.32 lbs (530~600g)
Dimensions (L x W x H)
6.61 x 1.67 x 1.22 in (168.0 x 42.5 x 31.0 mm)
SAFETY
UL/cUL
UL8750: 1st edition
TUV
EN/IEC61347-1:2008, EN/IEC61347-2-13:2006
Safety Approvals
CE-EMC
EN55015: 2006 & EN61547: 1995+A1:2000



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com