Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSQLF100 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSQLF100
Description  AC/DC LED Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSQLF100 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSQLF100 Datasheet HTML 1Page - Wall Industries,Inc. PSQLF100 Datasheet HTML 2Page - Wall Industries,Inc. PSQLF100 Datasheet HTML 3Page - Wall Industries,Inc. PSQLF100 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wall Industries, Inc.
Rev A
PSQLF100 SERIES
96 Watt, AC/DC LED Switching Power Supplies
08/16/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 4
DERATING CURVES
Load vs Ambient Temperature
Load vs Input Voltage
0
20
40
60
80
100
120
-30 -20
0
20
40
60
70
80
Ambient Temperature (°C)
50%
Others
Under 120VAC
45
0
20
40
60
100
120
90 100
135
155
230
264
295
Input Voltage (VAC)
80
Ta=25°C
Note: If the output is not connected to LEDs, the input voltage must be greater than 180VAC
MECHANICAL DRAWING
IP 66 MODELS
Vo ADJ.
Io ADJ.
AC/L (Brown)
AC/N (Blue)
FG
(Green/Yellow)
(Red) +V
(Black) -V
5.23 (132.9)
4.76 (120.9)
11.81±0.8 (300.0±20.0)
11.81±0.8 (300.0±20.0)
Unit: inches (mm)
Assembly Instructions:
1. U Case T=0.08” (2.0mm)
2. Do not screw higher than 0.02” (0.5mm) into the length of the case
3. Screw length for load plate thickness plus 0.1” (2.5mm)
Tolerance: 0.08” (2.0mm)
IP67 MODELS
AC/L (Brown)
AC/N (Blue)
FG
(Green/Yellow)
(Red) +V
(Black) -V
5.23 (132.9)
4.76 (120.9)
11.81±0.8 (300.0±20.0)
11.81±0.8 (300.0±20.0)
Unit: inches (mm)
Assembly Instructions:
1. U Case T=0.08” (2.0mm)
2. Do not screw higher than 0.02” (0.5mm) into the length of the case
3. Screw length for load plate thickness plus 0.1” (2.5mm)
Tolerance: 0.08” (2.0mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com