Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF4607D Datasheet(PDF) 9 Page - Silikron Semiconductor Co.,LTD.

Part # SSF4607D
Description  Advanced trench MOSFET process technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF4607D Datasheet(HTML) 9 Page - Silikron Semiconductor Co.,LTD.

  SSF4607D Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF4607D Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF4607D Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF4607D Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF4607D Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF4607D Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF4607D Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF4607D Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD. SSF4607D Datasheet HTML 9Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SSF4607D
©Silikron Semiconductor CO.,LTD.
2011.03.22
Version : 1.0
page 9 of 9
www.silikron.com
ATTENTION:
■ Any and all Silikron products described or contained herein do not have specifications that can handle applications
that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other
applications whose failure can be reasonably expected to result in serious physical and/or material damage.
Consult with your Silikron representative nearest you before using any Silikron products described or contained
herein in such applications.
■ Silikron assumes no responsibility for equipment failures that result from using products at values that exceed,
even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed
in products specifications of any and all Silikron products described or contained herein.
■
Specifications of any and all Silikron products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees of the
performance, characteristics, and functions of the described products as mounted in the customer’s products or
equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer
should always evaluate and test devices mounted in
the customer’s products or equipment.
■
Silikron Semiconductor CO.,LTD. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise
to
accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause
damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or
events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for
safe design, redundant design, and structural design.
■
In the event that any or all Silikron products(including technical data, services) described or contained herein are
controlled under any of applicable local export control laws and regulations, such products must not be exported
without obtaining the export license from the authorities concerned in accordance with the above law.
■
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical,
including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior
written permission of Silikron Semiconductor CO.,LTD.
■
Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for
volume production. Silikron believes information herein is accurate and reliable, but no guarantees are made or
implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
■
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
Silikron product that you intend to use.
■
This catalog provides information as of Dec, 2008. Specifications and information herein are subject to change
without notice.
Customer Service
Worldwide Sales and Service:
Sales@silikron.com
Technical Support:
Technical@silikron.com
Suzhou Silikron Semiconductor Corp.
11A, 428 Xinglong Street, Suzhou Industrial Park, P.R.China
TEL: (86-512) 62560688
FAX: (86-512) 65160705
E-mail: Sales@silikron.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com