Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

787616-1 Datasheet(PDF) 21 Page - Tyco Electronics

Part # 787616-1
Description  Connector System for Universal Serial Bus (USB)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

787616-1 Datasheet(HTML) 21 Page - Tyco Electronics

Back Button 787616-1 Datasheet HTML 14Page - Tyco Electronics 787616-1 Datasheet HTML 15Page - Tyco Electronics 787616-1 Datasheet HTML 16Page - Tyco Electronics 787616-1 Datasheet HTML 17Page - Tyco Electronics 787616-1 Datasheet HTML 18Page - Tyco Electronics 787616-1 Datasheet HTML 19Page - Tyco Electronics 787616-1 Datasheet HTML 20Page - Tyco Electronics 787616-1 Datasheet HTML 21Page - Tyco Electronics 787616-1 Datasheet HTML 22Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
Catalog 7-1773442-0
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 03-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Connector System for Universal Serial Bus (USB)
Stacked, DIP Type
Part Number
1775813
Material and Finish
Housing/Cover/Frame —
High temperature thermoplastic,
UL94V-0, color black
Contacts —
Shield — Brass with 100µ" min. nickel
plating overall, tin hot dipped on solder
area;
USB Contact — Phosphor bronze with
gold flash plating on contact area, 150µ"
bright tin plating on solder tail area,
50µ" min. nickel underplating overall;
USB Shell — Phosphor bronze with
120µ" min. bright tin plating overall,
50µ" min. nickel underplating overall;
USB Clip — Stainless steel;
IEEE1394 Shell — Phosphor bronze
with 100µ" min. nickel plating overall;
IEEE1394 Contact — Phosphor
bronze with 15µ" min. gold plating on
contact area, 150µ" min. bright tin plat-
ing on solder tail area, 50µ" min. nickel
underplating overall.
Recommended PCB Thickness —
1.57 [.062]
16.30
[.642]
22.00
[.866]
12.50
[.492]
11.20
[.441]
15.45
[.608]
15.80
[.622]
13.14
[.517]
7.00
[.276]
2.50
[.098]
3.07
[.121]
1.33
[.052]
13.30
[.524]
3.98
[.157]
2.71
[.107]
5.68
[.224]
0.55
[.022]
Typ.
6.56
[.258]
Ref.
0.45
[.018]
Typ.
3.50
[.138]
Typ.
1.00
[.039]
Typ.
9.80
[.386]
8.50
[.335]
3.90
[.154]
13.30
[.524]
8.38
[.330]
5.68
[.224]
5.33
[.210]
2.71
[.107]
3.98
[.157]
3.30
[.130]
27.00
[1.063]
3.20
[.126]
2.63
[.104]
0.64
[.025]
Typ.
2.00
[.079]
Typ.
2.00
[.079]
Typ.
6 Plcs.
8.38
[.330]
2.00
[.079]
2.00
[.079]
4.25
[.167]
Ø 0.80 ± 0.10
[.031 ± .004]
8 Plcs.
Ø 0.92 ± 0.10
[.036 ± .004]
4 Plcs.
4 Plcs.
PCB Edge
1.00 ± 0.10
[.039 ± .004]
2.50 ± 0.10
[.098 ± .004]
4 Plcs.
Ø 2.30 ± 0.10
[.091 ± .004]
10.28
[.405]
2.00
[.079]
IEEE Over Stacked USB Series A
Disclaimer
While Tyco Electronics Corporation
and its affiliates referenced herein
(“Tyco Electronics”) have made
every reasonable effort to ensure
the accuracy of the information in
this catalog, Tyco Electronics does
not guarantee that it is error-free,
nor does Tyco Electronics make any
other representation, warranty or
guarantee that the information is
accurate, correct, reliable or current.
Tyco Electronics reserves the right
to make any adjustments to the
information contained herein at any
time without notice. Tyco
Electronics expressly disclaims all
implied warranties regarding the
information contained herein, includ-
ing, but not limited to, any implied
warranties of merchantability or fit-
ness for a particular purpose. Tyco
Electronics’ only obligations are
those in the Tyco Electronics
Standard Terms and Conditions of
Sale, and in no case will Tyco
Electronics be responsible for any
incidental, indirect, or consequential
damages arising from the sale,
resale, use, or misuse of its prod-
ucts. Users should independently
evaluate the suitability of, and test
each product for, their application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com