Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XFEI2012 Datasheet(PDF) 2 Page - XFMRS Inc.

Part # XFEI2012
Description  MULTILAYER FERRITE CHIP INDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

XFEI2012 Datasheet(HTML) 2 Page - XFMRS Inc.

  XFEI2012 Datasheet HTML 1Page - XFMRS Inc. XFEI2012 Datasheet HTML 2Page - XFMRS Inc. XFEI2012 Datasheet HTML 3Page - XFMRS Inc. XFEI2012 Datasheet HTML 4Page - XFMRS Inc. XFEI2012 Datasheet HTML 5Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
11
n ELECTRICAL CHARACTERISTIC
XFEI 2012 SERIES
Part No.
Product's
thickness
(mm) [inches]
Inductance
(
µµµµµH)
Q
__________
min. nominal
L, Q test
frequency
(MHz)
Self-resonant
frequency (MHz)
______________
min.
nominal
DC resistance
(
Ω
Ω
Ω
Ω
Ω )
______________
max.
nominal
Rated
current
(mA) max.
Weight
(mg)
XFEI-2012
47N*1
0.85 [.033]
0.047 +/- 20%
15
25
50
320
400
0.20
0.11
300
10
XFEI-2012
68N
0.85 [.033]
0.068 +/- 20%
15
25
50
280
350
0.20
0.11
300
10
XFEI-2012
82N
0.85 [.033]
0.082 +/- 20%
15
25
50
255
320
0.20
0.11
300
10
XFEI-2012
R10
0.85 [.033]
0.10 +/- 20% or +/- 10%
20
30
25
235
300
0.30
0.16
250
10
XFEI-2012
R12
0.85 [.033]
0.12 +/- 20% or +/- 10%
20
30
25
220
280
0.30
0.16
250
10
XFEI-2012
R15
0.85 [.033]
0.15 +/- 20% or +/- 10%
20
30
25
200
250
0.40
0.21
250
10
XFEI-2012
R18
0.85 [.033]
0.18 +/- 20% or +/- 10%
20
30
25
185
230
0.40
0.21
250
10
XFEI-2012
R22
0.85 [.033]
0.22 +/- 20% or +/- 10%
20
30
25
170
220
0.50
0.26
250
10
XFEI-2012
R27
0.85 [.033]
0.27 +/- 20% or +/- 10%
20
30
25
150
200
0.50
0.26
250
10
XFEI-2012
R33
0.85 [.033]
0.33 +/- 20% or +/- 10%
20
30
25
145
180
0.55
0.31
250
10
XFEI-2012
R39
0.85 [.033]
0.39 +/- 20% or +/- 10%
25
35
25
135
170
0.65
0.36
200
10
XFEI-2012
R47
1.25 [.049]
0.47 +/- 20% or +/- 10%
25
35
25
125
160
0.65
0.36
200
14
XFEI-2012
R56
1.25 [.049]
0.56 +/- 20% or +/- 10%
25
35
25
115
150
0.75
0.41
150
14
XFEI-2012
R68
1.25 [.049]
0.68 +/- 20% or +/- 10%
25
35
25
105
135
0.80
0.46
150
14
XFEI-2012
R82
1.25 [.049]
0.82 +/- 20% or +/- 10%
25
35
25
100
125
1.00
0.56
150
14
XFEI-2012
1R0
0.85 [.033]
1.0 +/- 20% or +/- 10%
45
55
10
75
105
0.40
0.21
50
10
XFEI-2012
1R2
0.85 [.033]
1.2 +/- 20% or +/- 10%
45
55
10
65
95
0.50
0.26
50
10
XFEI-2012
1R5
0.85 [.033]
1.5 +/- 20% or +/- 10%
45
55
10
60
85
0.50
0.26
50
10
XFEI-2012
1R8
0.85 [.033]
1.8 +/- 20% or +/- 10%
45
55
10
55
78
0.60
0.31
50
10
XFEI-2012
2R2
0.85 [.033]
2.2 +/- 20% or +/- 10%
45
60
10
50
70
0.65
0.36
30
10
XFEI-2012
2R7
1.25 [.049]
2.7 +/- 20% or +/- 10%
45
60
10
45
64
0.75
0.41
30
14
XFEI-2012
3R3
1.25 [.049]
3.3 +/- 20% or +/- 10%
45
60
10
41
58
0.80
0.46
30
14
XFEI-2012
3R9
1.25 [.049]
3.9 +/- 20% or +/- 10%
45
60
10
38
53
0.90
0.51
30
14
XFEI-2012
4R7
1.25 [.049]
4.7 +/- 20% or +/- 10%
45
60
10
35
48
1.00
0.56
30
14
XFEI-2012
5R6
1.25 [.049]
5.6 +/- 20% or +/- 10%
50
60
4
32
44
0.90
0.51
15
14
XFEI-2012
6R8
1.25 [.049]
6.8 +/- 20% or +/- 10%
50
60
4
29
40
1.00
0.56
15
14
XFEI-2012
8R2
1.25 [.049]
8.2 +/- 20% or +/- 10%
50
60
4
26
36
1.10
0.61
15
14
XFEI-2012
100
1.25 [.049]
10.0 +/- 20% or +/- 10%
50
60
2
24
33
1.15
0.66
15
14
XFEI-2012
120
1.25 [.049]
12.0 +/- 20% or +/- 10%
50
60
2
22
30
1.25
0.71
15
14
XFEI-2012
150
1.25 [.049]
15.0 +/- 20% or +/- 10%
30
40
1
19
27
0.80
0.46
5
14
XFEI-2012
180
1.25 [.049]
18.0 +/- 20% or +/- 10%
30
40
1
18
25
0.90
0.51
5
14
XFEI-2012
220
1.25 [.049]
22.0 +/- 20% or +/- 10%
30
40
1
16
22
1.10
0.61
5
14
XFEI-2012
270
1.25 [.049]
27.0 +/- 20% or +/- 10%
30
40
1
14
20
1.15
0.66
5
14
XFEI-2012
330
1.25 [.049]]
33.0 +/- 20% or +/- 10%
30
40
0.4
13
18
1.25
0.71
5
14
*1 47N = 47nh = 0.047uh



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com