Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS-156C Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MS-156C
Description  Subminiature Coaxial Switch 1.35 mm High, DC to 11 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MS-156C Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MS-156C Datasheet HTML 2Page - List of Unclassifed Manufacturers MS-156C Datasheet HTML 3Page - List of Unclassifed Manufacturers MS-156C Datasheet HTML 4Page - List of Unclassifed Manufacturers MS-156C Datasheet HTML 5Page - List of Unclassifed Manufacturers MS-156C Datasheet HTML 6Page - List of Unclassifed Manufacturers MS-156C Datasheet HTML 7Page - List of Unclassifed Manufacturers MS-156C Datasheet HTML 8Page - List of Unclassifed Manufacturers MS-156C Datasheet HTML 9Page - List of Unclassifed Manufacturers MS-156C Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
MS-156C SeriesqSubminiature Coaxial Switch 1.35 mm High, DC to 11 GHz
sPlugs
qPress down, right angle
Ø3.2
20.9
11.15
2.9
Part Number
Applicable cable: 1.5D-HQEW, 1.5D-QEW (Fujikura Ltd.)
CL No.
Durability
358-0173-0
MS-156-C
(LP)-1
10,000 Times
qSimplified lock, right angle, short
Ø6.5
8.1
3.2
15
1.3
Ø2.5
Part Number
Applicable cable: DFS111-UL1979(Junkosha Ltd.)
Please contact Hirose Sales Representative for cable length and
cable end treatment.
Applicable cable: DFS111-UL1979(Junkosha Ltd.)
Please contact Hirose Sales Representative for cable length and
cable end treatment.
Applicable cable: KHCX-32AWG-SB-TA(Showa Electric Wire & Cable Co., Ltd.)
Please contact Hirose Sales Representative for cable length and
cable end treatment.
CL No.
Durability
358-0268-5
MS-156-088LP-H1
500 Times
qSimplified lock, right angle, long
Ø6.5
14.9
10
21.8
1.6
Ø2.5
Part Number
CL No.
Durability
358-0275-0
MS-156-088LP-H2
500 Times
qSimplified lock, right angle, for antenna
6.1
Part Number
CL No.
Durability
358-0276-3
MS-156C-LP-068
30 Times
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com