Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P90N55F4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # P90N55F4
Description  N-channel 55 V, 0.0064 , 90 A, TO-220 STripFET DeepGATE Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P90N55F4 Datasheet(HTML) 1 Page - STMicroelectronics

  P90N55F4 Datasheet HTML 1Page - STMicroelectronics P90N55F4 Datasheet HTML 2Page - STMicroelectronics P90N55F4 Datasheet HTML 3Page - STMicroelectronics P90N55F4 Datasheet HTML 4Page - STMicroelectronics P90N55F4 Datasheet HTML 5Page - STMicroelectronics P90N55F4 Datasheet HTML 6Page - STMicroelectronics P90N55F4 Datasheet HTML 7Page - STMicroelectronics P90N55F4 Datasheet HTML 8Page - STMicroelectronics P90N55F4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
August 2011
Doc ID 022110 Rev 1
1/13
13
STP90N55F4
N-channel 55 V, 0.0064
Ω, 90 A, TO-220
STripFET™ DeepGATE™ Power MOSFET
Features
■ Exceptional dv/dt capability
■ Extremely low on-resistance RDS(on)
■ 100% avalanche tested
Applications
■ Switching applications
Description
This device is an N-channel Power MOSFET
developed using ST’s STripFET™ DeepGATE™
technology. The device has a new gate structure
and is specially designed to minimize on-state
resistance to provide superior switching
performance.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on) max
ID
STP90N55F4
55 V
< 0.008
Ω
90 A
TO-220
1
2
3
TAB
Table 1.
Device summary
Order codes
Marking
Packages
Packaging
STP90N55F4
90N55F4
TO-220
Tube
www.st.com


Similar Part No. - P90N55F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P90NF03L STMICROELECTRONICS-P90NF03L Datasheet
248Kb / 13P
N-channel 30V - 0.0056Ω -90A TO-220/I2PAK Low gate charge STripFET??Power MOSFET
17-Aug-2006
More results

Similar Description - P90N55F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB85NF55L STMICROELECTRONICS-STB85NF55L_09 Datasheet
937Kb / 14P
N-channel 55 V, 0.0060 Ω, 80 A, TO-220, D2PAK STripFET™II Power MOSFET
06-Aug-2009
STB80NF55-08T4 STMICROELECTRONICS-STB80NF55-08T4 Datasheet
368Kb / 15P
N-channel 55 V, 0.0065 Ω, 80 A, TO-220, D2PAK, TO-247 STripFET™Power MOSFET
15-Apr-2009
STP210N75F6 STMICROELECTRONICS-STP210N75F6 Datasheet
693Kb / 13P
N-channel 75 V, 3 mΩ, 120 A TO-220 STripFET™VI DeepGATE??Power MOSFET
02-May-2011
STP75N75F4 STMICROELECTRONICS-STP75N75F4 Datasheet
485Kb / 12P
N-channel 75 V, 0.0092 typ., 78 A STripFET DeepGATE Power MOSFET in a TO-220 package
24-Jul-2012
STP77N6F6 STMICROELECTRONICS-STP77N6F6 Datasheet
950Kb / 13P
N-channel 60 V, 0.0063 typ., 77 A STripFET VI DeepGATE Power MOSFET in a TO-220 package
23-May-2013
STP80N70F6 STMICROELECTRONICS-STP80N70F6 Datasheet
778Kb / 13P
N-channel 68 V, 0.0063 typ., 96 A STripFET VI DeepGATE Power MOSFET in TO-220 package
06-Dec-2012
STP110N55F6 STMICROELECTRONICS-STP110N55F6 Datasheet
409Kb / 11P
N-channel 55 V, 4.3 m, 110 A TO-220 STripFET VI DeepGATE Power MOSFET
18-Jul-2011
STP120N4F6 STMICROELECTRONICS-STP120N4F6 Datasheet
746Kb / 13P
N-channel 40 V, 3.8 m廓 , 80 A, TO-220 STripFET??VI DeepGATE??Power MOSFET
17-May-2011
STD78N75F4 STMICROELECTRONICS-STD78N75F4 Datasheet
493Kb / 12P
N-channel 75 V, 0.0092 typ., 78 A STripFET DeepGATE Power MOSFET in TO-220 package
24-Jul-2012
STH90N55F4-2 STMICROELECTRONICS-STH90N55F4-2 Datasheet
768Kb / 16P
N-channel 55 V, 0.0064 Ω, 90 A, H2PAK STripFET™ DeepGATE™ Power MOSFET
11-Aug-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com