Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW2N10 Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW2N10
Description  N-channel SOT-23 MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW2N10 Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW2N10 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW2N10 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW2N10 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW2N10 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW2N10 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
May. 2014. Rev.1.0
Features
■ High ruggedness
■ R
DS(ON) (Max0.24Ω)@VGS=10V
■ Gate Charge (Typical 13nC)
■ Improved dv/dt Capability
■ 100% Avalanche Tested
N-channel SOT-23 MOSFET
Absolute maximum ratings
1/5
BV
DSS : 100V
I
D
: 2A
R
DS(ON) :0.24Ω
1
2
3
SAMWIN
Item
Sales Type
Marking
Package
Packaging
1
SW E 2N10
SW2N10
SOT-23
RELL
Order Codes
Symbol
Parameter
Value
Unit
V
DSS
Drain to Source Voltage
100
V
I
D
Continuous Drain Current (@T
C=25
oC)
2*
A
Continuous Drain Current (@T
C=100
oC)
1.26*
A
I
DM
Drain current pulsed
(note 1)
8
A
V
GS
Gate to Source Voltage
± 15
V
E
AS
Single pulsed Avalanche Energy
(note 2)
64
mJ
E
AR
Repetitive Avalanche Energy
(note 1)
5
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
5
V/ns
T
STG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
T
L
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
General Description
This power MOSFET is produced with advanced VDMOS technology of SAMWIN.
This technology enable power MOSFET to have better characteristics, such as fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics. This power MOSFET is usually used at high efficient DC to DC
converter block and switch mode power supply.
*. Drain current is limited by junction temperature.
1. Gate 2. Source 3. Drain
1
2
3
SOT-23
SW2N10


Similar Part No. - SW2N10

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW2N40D SEMIPOWER-SW2N40D Datasheet
909Kb / 6P
N-channel Enhanced mode TO-92/SOT-223 MOSFET
SW2N40DC SEMIPOWER-SW2N40DC Datasheet
613Kb / 6P
N-channel Enhanced mode TO-251S/TO-252 MOSFET
logo
List of Unclassifed Man...
SW2N60 ETC1-SW2N60 Datasheet
510Kb / 6P
This power MOSFET is produced in CHMC with advanced VDMOS technology of SAMWIN.
logo
Xian Semipower Electron...
SW2N60 SEMIPOWER-SW2N60 Datasheet
752Kb / 7P
N-channel MOSFET (TO-220F , TO-220)
SW2N60 SEMIPOWER-SW2N60 Datasheet
724Kb / 7P
N-channel MOSFET (TO-251 , TO-252)
More results

Similar Description - SW2N10

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW601Q SEMIPOWER-SW601Q Datasheet
447Kb / 4P
N-channel SOT-23 MOSFET
SW2N7002 SEMIPOWER-SW2N7002 Datasheet
621Kb / 5P
N-channel Enhanced mode SOT-23 MOSFET
SW3406 SEMIPOWER-SW3406 Datasheet
836Kb / 6P
N-channel Enhanced mode SOT-23 MOSFET
SW3416J SEMIPOWER-SW3416J Datasheet
834Kb / 6P
N-channel Enhanced mode SOT-23 MOSFET
SWVS22 SEMIPOWER-SWVS22 Datasheet
823Kb / 6P
N-channel Enhanced mode SOT-23 MOSFET
logo
Foshan Blue Rocket Elec...
2N7002K1 FOSHAN-2N7002K1 Datasheet
1Mb / 6P
N-CHANNEL MOSFET in a SOT-23 Plastic Package
2SK3018 FOSHAN-2SK3018 Datasheet
1Mb / 6P
N- CHANNEL MOSFET in a SOT-23 Plastic Package
SI2202 FOSHAN-SI2202 Datasheet
943Kb / 6P
N-CHANNEL MOSFET in a SOT-23 Plastic Package
SI2302 FOSHAN-SI2302 Datasheet
468Kb / 6P
N- CHANNEL MOSFET in a SOT-23 Plastic Package
SI2306 FOSHAN-SI2306 Datasheet
473Kb / 6P
N- CHANNEL MOSFET in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com