Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW2N60D Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW2N60D
Description  N-channel I-PAK/D-PAK/TO220F MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW2N60D Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW2N60D Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW2N60D Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW2N60D Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW2N60D Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW2N60D Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW2N60D Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
June. 2014. Rev.2.0
Features
■ High ruggedness
■ R
DS(ON) (Max 4.5Ω)@VGS=10V
■ Gate Charge (Typ 9nC)
■ Improved dv/dt Capability
■ 100% Avalanche Tested
General Description
This power MOSFET is produced with advanced VDMOS technology of SAMWIN.
This technology enable power MOSFET to have better characteristics, such as fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics. This power MOSFET is usually used at high efficient DC to DC converter
block and switch mode power supply.
N-channel I-PAK/D-PAK/TO220F MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-251 TO-252 TO220F
V
DSS
Drain to Source Voltage
600
V
I
D
Continuous Drain Current (@T
C=25
oC)
2*
A
Continuous Drain Current (@T
C=100
oC)
1.3*
A
I
DM
Drain current pulsed
(note 1)
8
A
V
GS
Gate to Source Voltage
± 30
V
E
AS
Single pulsed Avalanche Energy
(note 2)
80
mJ
E
AR
Repetitive Avalanche Energy
(note 1)
11
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
88.7
85.5
17.45
W
Derating Factor above 25oC
0.71
0.68
0.14
W/oC
T
STG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
T
L
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-251 TO-252 TO220F
R
thjc
Thermal resistance, Junction to case
1.41
1.46
7.16
oC/W
R
thcs
Thermal resistance, Case to Sink
oC/W
R
thja
Thermal resistance, Junction to ambient
90.6
86.6
49.8
oC/W
1/6
*. Drain current is limited by junction temperature.
BV
DSS : 600V
I
D
: 2A
R
DS(ON) : 4.5Ω
1. Gate 2. Drain 3. Source
TO-251
SW2N60D
SAMWIN
1
2
3
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW I 2N60
SW2N60D
TO-251
TUBE
2
SW D 2N60
SW2N60D
TO-252
REEL
3
SW F 2N60
SW2N60D
TO-220F
TUBE
TO-252
1
2
3
1
2
3
TO-220F
2
1
3


Similar Part No. - SW2N60D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW2N60DC SEMIPOWER-SW2N60DC Datasheet
598Kb / 6P
N-channel Enhanced mode TO-252/TO-251 MOSFET
More results

Similar Description - SW2N60D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW1N60C SEMIPOWER-SW1N60C Datasheet
742Kb / 7P
N-channel D-PAK/I-PAK/TO-92 MOSFET
SW4N60B SEMIPOWER-SW4N60B Datasheet
946Kb / 7P
N-channel I-PAK/D-PAK/TO-220F MOSFET
SW1N60D SEMIPOWER-SW1N60D Datasheet
663Kb / 6P
N-channel I-PAK/TO-92 MOSFET
SW3N10 SEMIPOWER-SW3N10 Datasheet
535Kb / 5P
N-channel D-PAK MOSFET
SW4N60D SEMIPOWER-SW4N60D Datasheet
682Kb / 6P
N-channel TO-220F/I-PAKN/D-PAK MOSFET
SW4N60K SEMIPOWER-SW4N60K Datasheet
678Kb / 6P
N-channel TO-220F/I-PAK/D-PAK MOSFET
SW7N60K SEMIPOWER-SW7N60K Datasheet
682Kb / 6P
N-channel TO-220F/I-PAK MOSFET
SW50N06T SEMIPOWER-SW50N06T Datasheet
747Kb / 6P
N-channel D-PAK/TO-220 MOSFET
SW630A SEMIPOWER-SW630A Datasheet
453Kb / 5P
N-channel TO-220/D-PAK MOSFET
SW830D1 SEMIPOWER-SW830D1 Datasheet
911Kb / 6P
N-channel TO-220/I-PAK/D-PAK/TO-220F MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com