Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW4N60D Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW4N60D
Description  N-channel TO-220F/I-PAKN/D-PAK MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW4N60D Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW4N60D Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW4N60D Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW4N60D Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW4N60D Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW4N60D Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW4N60D Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
May. 2014. Rev. 2.0
Features
■ High ruggedness
■ R
DS(ON) (Max 2.2Ω)@VGS=10V
■ Gate Charge (Typ 18nC)
■ Improved dv/dt Capability
■ 100% Avalanche Tested
General Description
This power MOSFET is produced with advanced VDMOS technology of SAMWIN.
This technology enable power MOSFET to have better characteristics, such as fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics. This power MOSFET is usually used at high efficient DC to DC converter
block and switch mode power supply.
N-channel TO-220F/I-PAKN/D-PAK MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220F
TO-251N
TO-252
V
DSS
Drain to Source Voltage
600
V
I
D
Continuous Drain Current (@T
C=25
oC)
4*
A
Continuous Drain Current (@T
C=100
oC)
2.5*
A
I
DM
Drain current pulsed
(note 1)
16
A
V
GS
Gate to Source Voltage
± 30
V
E
AS
Single pulsed Avalanche Energy
(note 2)
184
mJ
E
AR
Repetitive Avalanche Energy
(note 1)
55
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
23.5
152.6
141.0
W
Derating Factor above 25oC
0.19
1.22
1.13
W/oC
T
STG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
T
L
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-220F
TO-251N
TO-252
R
thjc
Thermal resistance, Junction to case
5.31
0.82
0.89
oC/W
R
thcs
Thermal resistance, Case to Sink
oC/W
R
thja
Thermal resistance, Junction to ambient
47.1
83.5
79.0
oC/W
1/6
*. Drain current is limited by junction temperature.
BV
DSS : 600V
I
D
: 4A
R
DS(ON) : 2.2Ω
1
2 3
1. Gate 2. Drain 3. Source
TO-251N
SW4N60D
SAMWIN
1
2
3
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW F 4N60
SW4N60D
TO-220F
TUBE
2
SW I 4N60
SW4N60D
TO-251N
TUBE
3
SW D 4N60
SW4N60D
TO-252
REEL
TO-220F
TO-252
1 2
3
1 2
3


Similar Part No. - SW4N60D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW4N60DA SEMIPOWER-SW4N60DA Datasheet
877Kb / 7P
N-channel Enhanced mode TO-252/TO-220F/TO-251S MOSFET
SW4N60DC SEMIPOWER-SW4N60DC Datasheet
638Kb / 6P
N-channel Enhancement mode TO-251/TO-252MOSFET
More results

Similar Description - SW4N60D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW1N60C SEMIPOWER-SW1N60C Datasheet
742Kb / 7P
N-channel D-PAK/I-PAK/TO-92 MOSFET
SW4N60B SEMIPOWER-SW4N60B Datasheet
946Kb / 7P
N-channel I-PAK/D-PAK/TO-220F MOSFET
SW5N60 SEMIPOWER-SW5N60 Datasheet
384Kb / 5P
N-channel TO-220F MOSFET
SW1N60D SEMIPOWER-SW1N60D Datasheet
663Kb / 6P
N-channel I-PAK/TO-92 MOSFET
SW2N60D SEMIPOWER-SW2N60D Datasheet
767Kb / 6P
N-channel I-PAK/D-PAK/TO220F MOSFET
SW4N60K SEMIPOWER-SW4N60K Datasheet
678Kb / 6P
N-channel TO-220F/I-PAK/D-PAK MOSFET
SW7N60H SEMIPOWER-SW7N60H Datasheet
550Kb / 5P
N-channel TO-220F MOSFET
SW7N60K SEMIPOWER-SW7N60K Datasheet
682Kb / 6P
N-channel TO-220F/I-PAK MOSFET
SW13N50B SEMIPOWER-SW13N50B Datasheet
397Kb / 5P
N-channel TO-220F MOSFET
SW830D1 SEMIPOWER-SW830D1 Datasheet
911Kb / 6P
N-channel TO-220/I-PAK/D-PAK/TO-220F MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com