Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW7N60H Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW7N60H
Description  N-channel TO-220F MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW7N60H Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW7N60H Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW7N60H Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW7N60H Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW7N60H Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW7N60H Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Feb. 2014. Rev. 1.0
Features
■ High ruggedness
■ R
DS(ON) (Max 1.32Ω)@VGS=10V
■ Gate Charge (Typical 28nC)
■ Improved dv/dt Capability
■ 100% Avalanche Tested
General Description
This power MOSFET is produced with advanced VDMOS technology of SAMWIN.
This technology enable power MOSFET to have better characteristics, such as fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics. This power MOSFET is usually used at high efficient DC to DC converter
block and switch mode power supply.
N-channel TO-220F MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to Source Voltage
600
V
I
D
Continuous Drain Current (@T
C=25
oC)
7*
A
Continuous Drain Current (@T
C=100
oC)
4.4*
A
I
DM
Drain current pulsed
(note 1)
28
A
V
GS
Gate to Source Voltage
± 30
V
E
AS
Single pulsed Avalanche Energy
(note 2)
172
mJ
E
AR
Repetitive Avalanche Energy
(note 1)
48
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
28.6
W
Derating Factor above 25oC
0.2
W/oC
T
STG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
T
L
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thjc
Thermal resistance, Junction to case
4.41
oC/W
R
thcs
Thermal resistance, Case to Sink
oC/W
R
thja
Thermal resistance, Junction to ambient
47.1
oC/W
1/5
*. Drain current is limited by junction temperature.
BV
DSS : 600V
I
D
: 7A
R
DS(ON) :1.32Ω
SW7N60H
SAMWIN
1
2
3
Item
Sales Type
Marking
Package
Packaging
1
SW F 7N60
SW7N60H
TO-220F
TUBE
Order Codes
1. Gate 2. Drain 3. Source
1
2
3
TO-220F


Similar Part No. - SW7N60H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW7N60 ETC1-SW7N60 Datasheet
311Kb / 6P
N-Channel MOSFET
logo
Xian Semipower Electron...
SW7N60 SEMIPOWER-SW7N60 Datasheet
404Kb / 5P
N-channel Mosfet
SW7N60A SEMIPOWER-SW7N60A Datasheet
762Kb / 7P
N-channel MOSFET
SW7N60D SEMIPOWER-SW7N60D Datasheet
625Kb / 5P
N-channel TO-220F MOSFET
SW7N60K SEMIPOWER-SW7N60K Datasheet
682Kb / 6P
N-channel TO-220F/I-PAK MOSFET
More results

Similar Description - SW7N60H

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SWP4N65 SEMIPOWER-SWP4N65 Datasheet
775Kb / 7P
N-channel MOSFET (TO-220F , TO-220)
SWP50N06A SEMIPOWER-SWP50N06A Datasheet
576Kb / 7P
N-channel MOSFET (TO-220F , TO-220)
SW8N90 SEMIPOWER-SW8N90 Datasheet
386Kb / 5P
N-channel TO-220F MOSFET
SW7N65B SEMIPOWER-SW7N65B Datasheet
494Kb / 5P
N-channel TO-220F MOSFET
SW5N60 SEMIPOWER-SW5N60 Datasheet
384Kb / 5P
N-channel TO-220F MOSFET
SW7N60D SEMIPOWER-SW7N60D Datasheet
625Kb / 5P
N-channel TO-220F MOSFET
SW10N60D SEMIPOWER-SW10N60D Datasheet
687Kb / 5P
N-channel TO-220F MOSFET
SW13N50B SEMIPOWER-SW13N50B Datasheet
397Kb / 5P
N-channel TO-220F MOSFET
SW15N50 SEMIPOWER-SW15N50 Datasheet
627Kb / 5P
N-channel TO-220F MOSFET
SW20N65K SEMIPOWER-SW20N65K Datasheet
777Kb / 6P
N-channel TO-220/TO-220F MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com