Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW20N50U Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW20N50U
Description  N-channel TO-3P MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW20N50U Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW20N50U Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW20N50U Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW20N50U Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW20N50U Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW20N50U Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Feb. 2014. Rev. 1.0
Features
■ High ruggedness
■ R
DS(ON) (Max 0.27Ω)@VGS=10V
■ Gate Charge (Typ 103 nC)
■ Improved dv/dt Capability
■ 100% Avalanche Tested
General Description
This power MOSFET is produced with advanced VDMOS technology of SAMWIN.
This technology enable power MOSFET to have better characteristics, such as fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics. It is mainly suitable for half bridge or full bridge resonant topology like a
electronic ballast, and also low power switching mode power appliances.
N-channel TO-3P MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to Source Voltage
500
V
I
D
Continuous Drain Current (@T
C=25
oC)
20*
A
Continuous Drain Current (@T
C=100
oC)
12.6*
A
I
DM
Drain current pulsed
(note 1)
80
A
V
GS
Gate to Source Voltage
± 30
V
E
AS
Single pulsed Avalanche Energy
(note 2)
2240
mJ
E
AR
Repetitive Avalanche Energy
(note 1)
500
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
386
W
Derating Factor above 25oC
3.1
W/oC
T
STG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
T
L
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thjc
Thermal resistance, Junction to case
0.32
oC/W
R
thcs
Thermal resistance, Case to Sink
0.3
oC/W
R
thja
Thermal resistance, Junction to ambient
37.1
oC/W
1/5
BV
DSS : 500V
I
D
: 20A
R
DS(ON) : 0.27Ω
1
2
3
SW20N50U
SAMWIN
Item
Sales Type
Marking
Package
Packaging
1
SWW 20N50
SW20N50U
TO-3P
TUBE
Order Codes
*. Drain current is limited by junction temperature.
1. Gate 2. Drain 3. Source
1
2
3
TO-3P


Similar Part No. - SW20N50U

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW20N50 SEMIPOWER-SW20N50 Datasheet
711Kb / 7P
N-channel Power MOSFET
logo
List of Unclassifed Man...
SW20N50D ETC-SW20N50D Datasheet
881Kb / 5P
N-channel MOSFET
October 2012 : Rev0
More results

Similar Description - SW20N50U

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW7N60R SEMIPOWER-SW7N60R Datasheet
677Kb / 5P
N-channel TO-220 MOSFET
SW20N60U SEMIPOWER-SW20N60U Datasheet
674Kb / 5P
N-channel TO-3P MOSFET
SW22N60U SEMIPOWER-SW22N60U Datasheet
623Kb / 5P
N-channel TO-3P MOSFET
SW60N06T SEMIPOWER-SW60N06T Datasheet
751Kb / 5P
N-channel TO-220 MOSFET
SW100N10 SEMIPOWER-SW100N10 Datasheet
678Kb / 5P
N-channel TO-220 MOSFET
SW180N06A SEMIPOWER-SW180N06A Datasheet
754Kb / 5P
N-channel TO-220 MOSFET
logo
Foshan Blue Rocket Elec...
BRP50N20 FOSHAN-BRP50N20 Datasheet
870Kb / 6P
N-Channel MOSFET in a TO-3P Plastic Package
BRU20N50 FOSHAN-BRU20N50 Datasheet
942Kb / 6P
N-Channel MOSFET in a TO-3P Plastic Package
BRU20N90 FOSHAN-BRU20N90 Datasheet
1Mb / 6P
N-Channel MOSFET in a TO-3P Plastic Package
IRFP3205 FOSHAN-IRFP3205 Datasheet
1Mb / 6P
N-Channel MOSFET in a TO-3P Plastic Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com