Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW30CPF06 Datasheet(PDF) 2 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW30CPF06
Description  DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW30CPF06 Datasheet(HTML) 2 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW30CPF06 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW30CPF06 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW30CPF06 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW30CPF06 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
May. 2014. Rev.1.0
DYNAMIC RECOVERY CHARACTERISTICS (TJ= 25 °C unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
I
rrm
Peak recovery current
I
F=30A, di/dt=200A/us,
V
R =100V
3.6
A
T
rr
Reverse recovery time
41
ns
Q
rr
Reverse recovery Charge
80
nC
SAMWIN
2/4
SW30CPF06
THERMAL - MECHANICAL SPECIFICATIONS
Symbol
Parameter
Value
Unit
R
thjc
Thermal resistance, Junction to case (Per Leg)
0.72
oC/W
R
thjc
Thermal resistance, Junction to case (Per Package)
0.83
oC/W
R
thja
Thermal resistance, Junction to ambient(Per Leg)
38.4
oC/W
R
thja
Thermal resistance, Junction to ambient(Per Package)
36.6
oC/W
Fig. 1. Typical Forward Voltage
Drop Characteristics
Fig. 2. Typical Values of Reverse
Current vs. Reverse Voltage
Fig. 3. Typical Junction Capacitance vs.
Reverse Voltage
Fig. 4. Max. Thermal Impedance Z
thJC Characteristics (Per Leg)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com