Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW50CPF06 Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW50CPF06
Description  DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW50CPF06 Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW50CPF06 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW50CPF06 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW50CPF06 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW50CPF06 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
May. 2014. Rev.2.0
Features
■ Ultrafast recovery time
■ Low forward voltage drop
■ 150 °C operating junction temperature
■ Low leakage current
■ Designed and qualified according to
JEDEC-JESD47
DIODE
Absolute maximum ratings
1/4
VR
: 620V
IF(AV)
: 50A
VF at IF : 1.5V
SW50CPF06
SAMWIN
Item
Sales Type
Marking
Package
Packaging
1
SW W 50CPF06
SW50CPF06
TO-3P
TUBE
Order Codes
Symbol
Parameter
Value
Unit
V
R
Repetitive peak reverse voltage
620
V
I
F(AV)
Average rectified forward current (@T
C=150
oC)
50
A
TJ, TStg
Operating junction and storage temperatures
-55 ~ + 150
oC
General Description
This FRED is designed with optimized performance of forward voltage drop and ultrafast
recovery time. the platinum doped life time control, guarantee the best overall performance
ruggedness and reliability characteristics. This devices are intended for use in the
output rectification stage of SMPS, UPS, DC/DC converters as freewheeling diode in
low voltage inverters. Their extremely optimized stored charge and low recovery current
minimize the switching losses and reduce over dissipation in the switching element.
1. Anode 2. Gathode 3. Anode
1
2
3
TO-3P
Electrical characteristic ( T
C = 25
oC unless otherwise specified )
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V
R
Breakdown voltage,blocking voltage
IR=100uA
620
V
V
F
Forward voltage
I
F=3A
0.9
1.13
V
I
F=50A
1.5
V
I
F=50A, TJ= 150 °C
1.3
V
I
R
Reverse leakage current
V
R=600V
500
nA
V
R=600V, TJ= 150 °C
500
uA
CT
Junction capacitance
V
R=600V
30
pF


Similar Part No. - SW50CPF06

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
SW50 ALPHAWIRE-SW50 Datasheet
386Kb / 3P
RoHS-Compliant Commencing With 10/1/2004 Production
logo
Aavid, Thermal Division...
SW50-2G AAVID-SW50-2G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
SW50-2G AAVID-SW50-2G Datasheet
8Mb / 116P
How to Use This Catalog
SW50-4G AAVID-SW50-4G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
SW50-4G AAVID-SW50-4G Datasheet
8Mb / 116P
How to Use This Catalog
More results

Similar Description - SW50CPF06

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
DIODE-DIODE MODULE
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
DIODE-DIODE MODULE
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
Diode-Diode Module
logo
List of Unclassifed Man...
SDD100 ETC2-SDD100 Datasheet
996Kb / 4P
Diode-Diode Modules
logo
SEMPO ELECTRONIC Limite...
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
Diode-Diode Module
logo
Sirectifier Semiconduct...
SDD320 SIRECTIFIER-SDD320 Datasheet
255Kb / 4P
Diode-Diode Modules
SDD190 SIRECTIFIER-SDD190 Datasheet
727Kb / 4P
Diode-Diode Modules
SDD165 SIRECTIFIER-SDD165 Datasheet
740Kb / 4P
Diode-Diode Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com