Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW75N08 Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW75N08
Description  N-channel TO-220 MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW75N08 Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW75N08 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW75N08 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW75N08 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW75N08 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW75N08 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
July. 2013. Rev. 3.0
1/5
Features
■ High ruggedness
■ R
DS(ON) (Max 11m
Ω)@V
GS=10V
■ Gate Charge (Typ 74nC)
■ Improved dv/dt Capability
■ 100% Avalanche Tested
General Description
This power MOSFET is produced with advanced VDMOS technology of SAMWIN.
This technology enable power MOSFET to have better characteristics, such as fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics. This power MOSFET is usually used at high efficient DC to DC
converter block and switch mode power supply.
N-channel TO-220 MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDSS
Drain to Source Voltage
80
V
ID
Continuous Drain Current (@TC=25oC)
75*
A
Continuous Drain Current (@TC=100oC)
47*
A
IDM
Drain current pulsed
(note 1)
300
A
VGS
Gate to Source Voltage
±30
V
EAS
Single pulsed Avalanche Energy
(note 2)
890
mJ
EAR
Repetitive Avalanche Energy
(note 1)
160
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
5
V/ns
PD
Total power dissipation (@TC=25oC)
227
W
Derating Factor above 25oC
1.8
W/oC
TSTG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
TL
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
Rthjc
Thermal resistance, Junction to case
0.55
oC/W
Rthcs
Thermal resistance, Case to Sink
0.5
oC/W
Rthja
Thermal resistance, Junction to ambient
56
oC/W
*. Drain current is limited by junction temperature.
BV
DSS : 80V
I
D
: 75A
R
DS(ON) : 11m
Ω
1. Gate 2. Drain 3. Source
1
2
3
SW75N08
SAMWIN
Item
Sales Type
Marking
Package
Packaging
1
SW P 75N08
SW 75N08
TO-220
TUBE
Order Codes
1
2
3
TO-220


Similar Part No. - SW75N08

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
SW75N03 DOINGTER-SW75N03 Datasheet
971Kb / 4P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - SW75N08

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW7N60R SEMIPOWER-SW7N60R Datasheet
677Kb / 5P
N-channel TO-220 MOSFET
SW60N06T SEMIPOWER-SW60N06T Datasheet
751Kb / 5P
N-channel TO-220 MOSFET
SW80N08A SEMIPOWER-SW80N08A Datasheet
768Kb / 5P
N-channel TO-220 MOSFET
SW100N10 SEMIPOWER-SW100N10 Datasheet
678Kb / 5P
N-channel TO-220 MOSFET
SW100N10A SEMIPOWER-SW100N10A Datasheet
534Kb / 5P
N-channel TO-220 MOSFET
SW100N10B SEMIPOWER-SW100N10B Datasheet
547Kb / 5P
N-channel TO-220 MOSFET
SW120N04M SEMIPOWER-SW120N04M Datasheet
771Kb / 5P
N-channel TO-220 MOSFET
SW150N10A SEMIPOWER-SW150N10A Datasheet
564Kb / 5P
N-channel TO-220 MOSFET
SW180N06A SEMIPOWER-SW180N06A Datasheet
754Kb / 5P
N-channel TO-220 MOSFET
SW210N04A SEMIPOWER-SW210N04A Datasheet
572Kb / 5P
N-channel TO-220 MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com