Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NDL7605P2C Datasheet(PDF) 2 Page - NEC

Part # NDL7605P2C
Description  1 310 nm OPTICAL CATV RETURN PATH APPLICATIONS InGaAsP MQW DFB LASER DIODE MODULE WITH ISOLATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7605P2C Datasheet(HTML) 2 Page - NEC

  NDL7605P2C Datasheet HTML 1Page - NEC NDL7605P2C Datasheet HTML 2Page - NEC NDL7605P2C Datasheet HTML 3Page - NEC NDL7605P2C Datasheet HTML 4Page - NEC NDL7605P2C Datasheet HTML 5Page - NEC NDL7605P2C Datasheet HTML 6Page - NEC NDL7605P2C Datasheet HTML 7Page - NEC NDL7605P2C Datasheet HTML 8Page - NEC NDL7605P2C Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Data Sheet P14039EJ2V0DS00
2
NDL7605P Series
PACKAGE DIMENSIONS (in millimeters)
NDL7605P
Optical Fiber
SM-9/125
Length: 1 m
φ6±0.1
φ 3.2±0.25
φ7±0.2
φ0.9
φ0.45±0.05
PIN CONNECTIONS
4
1
3
2
PD
LD
CASE
4 3
2
1
P.C.D. = 2
φ
NDL7605P1
φ0.9
φ0.45±0.05
Optical Fiber
SM-9/125
Length: 1 m
φ3.2±0.25
φ7±0.2
12.7±0.2
17.0±0.2
φ
2– 2.2
6±0.1
φ
PIN CONNECTIONS
4
1
3
2
PD
LD
CASE
4 3
2
1
P.C.D. = 2
φ
NDL7605P2
Optical Fiber
SM-9/125
Length: 1 m
φ 3.2±0.25
φ7±0.2
φ0.9
φ
4– 0.45±0.05
PIN CONNECTIONS
PD
3
2
4
1
LD
CASE
12±0.15
16.0
φ16
φ
P.C.D. = 2
NDL7605P4
PIN CONNECTIONS
Pin No.
Function
1
2
3
4
5
6
7
8
NC
PD anode
PD cathode
NC
NC
LD cathode
LD anode
NC
12.6±0.2
24.7±1.0
Optical Fiber
SM-9/125
Length: 1 m
7±0.2
φ
12.6±0.2
1.27±0.2
2.54±0.3
3.81±0.3
2.54±0.3
4
3
2
1
5
6
7
8
4– 0.45
PIN 2, 3, 6, 7
φ
4–0.5
PIN 1, 4, 5, 8
3
2– 2.5
φ
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com