Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSFD3006 Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSFD3006
Description  Advanced trench MOSFET process technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSFD3006 Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSFD3006 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSFD3006 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSFD3006 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSFD3006 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSFD3006 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSFD3006 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSFD3006 Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSFD3006 Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
                                
SSFD3006 
©Silikron Semiconductor CO.,LTD.
2011.10.10
Version : 1.0
page 2 of 8
www.silikron.com
 
Thermal Resistance
Symbol
Characterizes
Typ.
Max.
Units
RθJC
Junction-to-case③
—
2
℃
/W
Junction-to-ambient (
t ≤ 10s) ④
—
100
℃
/W
RθJA
Junction-to-Ambient (PCB mounted, steady-state) ④
—
50
℃
/W
Electrical Characterizes @TA=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown
voltage
30
—
—
V
VGS = 0V, ID = 250μA
—
3.8
6
VGS=10V,ID = 15A
—
6.4
—
TJ = 125℃
— 
4.9
8.5
VGS=4.5V,ID =11.5A
RDS(on)
Static Drain-to-Source
on-resistance
— 
7.2
—
mΩ
TJ = 125℃
1
1.5
3
VDS = VGS, ID = 250μA
VGS(th)
Gate threshold voltage
—
1.21
—
V
TJ = 125℃
—
—
1
VDS = 30V,VGS = 0V
IDSS
Drain-to-Source leakage
current
—
—
50
μA
TJ = 125°C
— 
— 
100
VGS =20V
IGSS
Gate-to-Source forward
leakage
-100
— 
—
nA
VGS = -20V
Qg
Total gate charge
— 
35
—
Qgs
Gate-to-Source charge
— 
8
—
Qgd
Gate-to-Drain("Miller") charge
— 
18
—
nC
ID = 32A,
VDS=15V,
VGS =4.5V
td(on)
Turn-on delay time
— 
12
—
tr
Rise time
— 
63
—
td(off)
Turn-Off delay time
— 
41
—
tf
Fall time
— 
11
—
ns
VGS=4.5V, VDS=15V,
RGEN=2Ω,ID = 32A,
Ciss
Input capacitance
— 
3833
—
Coss
Output capacitance
— 
459
—
Crss
Reverse transfer capacitance
— 
427
—
pF
VGS = 0V
VDS = 15V
ƒ = 800kHz
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Maximum Body-Diode
Continuous Curren
—
—
90
A
VSD
Diode Forward Voltage
—
0.72
1.2
V
IS=2.8A, VGS=0V
trr
Reverse Recovery Time
—
16
—
ns
Qrr
Reverse Recovery Charge
—
8.8
—
nC
TJ = 25°C, IF =30A,
di/dt = 150A/μs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com