Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSFN2569 Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSFN2569
Description  Advanced MOSFET process technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSFN2569 Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSFN2569 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSFN2569 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSFN2569 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSFN2569 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSFN2569 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSFN2569 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SSFN2569
©Silikron Semiconductor CO., LTD.
2013.06.07
Version: 1.0
page 1 of 6
www.silikron.com
Main Product Characteristics:
Features and Benefits:
Description:
Absolute max Rating:
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V①
-3.4
A
IDM
Pulsed Drain Current②
-17
PD @TC = 25°C
Power Dissipation③
1.7
W
Linear Derating Factor
0.014
W/°C
VDS
Drain-Source Voltage
-20
V
VGS
Gate-to-Source Voltage
±8
V
TJ
TSTG
Operating Junction and Storage Temperature Range
-55 to +150
°C
Thermal Resistance
Symbol
Characterizes
Typ.
Max.
Units
RθJC
Junction-to-case③
—
74
℃/W
RθJA
Junction-to-ambient (
t ≤ 10s) ④
—
60
℃/W
VDSS
-20V
RDS(on)
55
mΩ (typ.)
ID
-3.4A
Schematic diagram
Advanced MOSFET process technology
Special designed for PWM, load switching and
general purpose applications
Ultra low on-resistance with low gate charge
Fast switching and reverse body recovery
150℃ operating temperature
It utilizes the latest processing techniques to achieve the high cell density and reduces the on-resistance with
high repetitive avalanche rating. These features combine to make this design an extremely efficient and reliable
device for use in power switching application and a wide variety of other applications.
G1
D1
D2
G2
S1
S2
DFN 3x2-8L
Bottom View


Similar Part No. - SSFN2569

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSFN2220 SILIKRON-SSFN2220 Datasheet
190Kb / 5P
High Power and current handing capability
SSFN2269 SILIKRON-SSFN2269 Datasheet
241Kb / 5P
High Power and current handing capability
logo
GOOD-ARK Electronics
SSFN2269 GOOD-ARK-SSFN2269 Datasheet
354Kb / 4P
20V Dual P-Channel MOSFET
logo
Silikron Semiconductor ...
SSFN2316E SILIKRON-SSFN2316E Datasheet
208Kb / 5P
High Power and current handing capability
More results

Similar Description - SSFN2569

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
BSS138W SILIKRON-BSS138W Datasheet
469Kb / 6P
Advanced MOSFET process technology
SSF6N70G SILIKRON-SSF6N70G Datasheet
457Kb / 8P
Advanced MOSFET process technology
SSF1090D SILIKRON-SSF1090D Datasheet
441Kb / 8P
Advanced MOSFET process technology
SSF2116EJ3 SILIKRON-SSF2116EJ3 Datasheet
353Kb / 6P
Advanced MOSFET process technology
SSF2129H3 SILIKRON-SSF2129H3 Datasheet
550Kb / 7P
Advanced MOSFET process technology
SSF3960J7-HF SILIKRON-SSF3960J7-HF Datasheet
548Kb / 7P
Advanced MOSFET process technology
SSF4004S SILIKRON-SSF4004S Datasheet
518Kb / 8P
Advanced MOSFET process technology
SSF6007 SILIKRON-SSF6007 Datasheet
509Kb / 6P
Advanced MOSFET process technology
SSFD4004 SILIKRON-SSFD4004 Datasheet
567Kb / 8P
Advanced MOSFET process technology
SSFT4003 SILIKRON-SSFT4003 Datasheet
505Kb / 9P
Advanced MOSFET process technology
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com