Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38600-7805 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 38600-7805
Description  6.35mm Pitch Beau PCB Tri-Barrier Terminal Strip, without Mounting Ends
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

38600-7805 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  38600-7805 Datasheet HTML 1Page - Molex Electronics Ltd. 38600-7805 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/07/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
38600-7805
Status:
Active
Overview:
Beau™ Barrier Strips
Description:
6.35mm Pitch Beau™ PCB Tri-Barrier Terminal Strip, without Mounting Ends, with
Clamp Washer Screws, 300V, 5 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Terminal Blocks
Series
38600
Application
N/A
Component Type
One Piece
Overview
Beau™ Barrier Strips
Product Name
Fixed Mount Barrier
Type
Barrier Strip
UPC
800756247427
Physical
Circuits (Loaded)
5
Circuits (maximum)
5
Color - Resin
Black
Entry Angle
Horizontal
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester Alloy
Number of Rows
1
Orientation
Horizontal
PC Tail Length
5.10mm
PCB Thickness - Recommended
3.18mm
Panel Mount
No
Pitch - Mating Interface
6.35mm
Pitch - Termination Interface
6.35mm
Polarized to Mating Part
No
Shrouded
Tri-Barrier
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +130°C
Wire Size AWG
18, 20, 22
Electrical
Current - Maximum per Contact
10A
Voltage - Maximum
300V
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Old Part Number
60505-C-50
Reference - Drawing Numbers
Sales Drawing
SD-38600-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
38600Series


Similar Part No. - 38600-7805

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
38600-7802 MOLEX11-38600-7802 Datasheet
41Kb / 2P
6.35mm Pitch Beau PCB Tri-Barrier Terminal Strip, without Mounting Ends
38600-7803 MOLEX11-38600-7803 Datasheet
41Kb / 2P
6.35mm Pitch Beau PCB Tri-Barrier Terminal Strip, without Mounting Ends
38600-7804 MOLEX11-38600-7804 Datasheet
41Kb / 2P
6.35mm Pitch Beau PCB Tri-Barrier Terminal Strip, without Mounting Ends
38600-7806 MOLEX5-38600-7806 Datasheet
605Kb / 4P
6.35mm (.250") Pitch Beau??PCB Tri-Barrier Terminal Strip, without Mounting Ends, with Clamp Washer Screws, 300V, 6 Circuits
38600-7806 MOLEX11-38600-7806 Datasheet
41Kb / 2P
6.35mm Pitch Beau PCB Tri-Barrier Terminal Strip, without Mounting Ends
More results

Similar Description - 38600-7805

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
38600-6603 MOLEX11-38600-6603 Datasheet
41Kb / 2P
6.35mm Pitch Beau PCB Tri-Barrier Terminal Strip, without Mounting Ends
38600-6609 MOLEX11-38600-6609 Datasheet
41Kb / 2P
6.35mm Pitch Beau PCB Tri-Barrier Terminal Strip, without Mounting Ends
38600-6612 MOLEX11-38600-6612 Datasheet
41Kb / 2P
6.35mm Pitch Beau PCB Tri-Barrier Terminal Strip, without Mounting Ends
38600-6620 MOLEX11-38600-6620 Datasheet
41Kb / 2P
6.35mm Pitch Beau PCB Tri-Barrier Terminal Strip, without Mounting Ends
38600-7804 MOLEX11-38600-7804 Datasheet
41Kb / 2P
6.35mm Pitch Beau PCB Tri-Barrier Terminal Strip, without Mounting Ends
38600-7810 MOLEX11-38600-7810 Datasheet
41Kb / 2P
6.35mm Pitch Beau PCB Tri-Barrier Terminal Strip, without Mounting Ends
38660-7611 MOLEX11-38660-7611 Datasheet
41Kb / 2P
6.35mm Pitch Beau PCB Tri-Barrier Terminal Strip, without Mounting Ends
38660-8806 MOLEX11-38660-8806 Datasheet
34Kb / 2P
6.35mm Pitch Beau PCB Tri-Barrier Terminal Strip, without Mounting Ends
38660-8814 MOLEX11-38660-8814 Datasheet
34Kb / 2P
6.35mm Pitch Beau PCB Tri-Barrier Terminal Strip, without Mounting Ends
38700-6103 MOLEX11-38700-6103 Datasheet
40Kb / 2P
6.35mm Pitch Beau PCB Tri-Barrier Terminal Strip, without Mounting Ends
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com