Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NDL7701P Datasheet(PDF) 2 Page - NEC

Part # NDL7701P
Description  1 550 nm OPTICAL FIBER COMMUNICATIONS EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH APPLICATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7701P Datasheet(HTML) 2 Page - NEC

  NDL7701P Datasheet HTML 1Page - NEC NDL7701P Datasheet HTML 2Page - NEC NDL7701P Datasheet HTML 3Page - NEC NDL7701P Datasheet HTML 4Page - NEC NDL7701P Datasheet HTML 5Page - NEC NDL7701P Datasheet HTML 6Page - NEC NDL7701P Datasheet HTML 7Page - NEC NDL7701P Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
NDL7910P
ORDERING INFORMATION
Part Number
Available Connector
NDL7910P
Without Connector
NDL7910PC
With FC-PC Connector
ABSOLUTE MAXIMUM RATINGS (TC = 25
°°°°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Optical Output Power from Fiber
Pf
10
mW
Forward Current of LD
IFLD
150
mA
Reverse Voltage of LD
VRLD
2.0
V
Forward Voltage of Modulator
VFm
1V
Reverse Voltage of Modulator
VRm
5V
Forward Current of PD
IFPD
1mA
Reverse Voltage of PD
VRPD
10
V
Cooler Current
IC
1.5
A
Cooler Voltage
VC
2.5
V
Operating Case Temperature
TC
−20 to +70
°C
Storage Temperature
Tstg
−40 to +85
°C
Lead Soldering Temperature (10 s)
Tsld
260
°C
ELECTRO-OPTICAL CHARACTERISTICS
(TLD = 25
°°°°C, TC = −−−−20 to +70 °°°°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Operating Current
Iop
50
100
mA
Modulation Center Voltage
VRmc
0.5
1.5
V
Modulation Voltage
VRmpp
23
V
Forward Voltage of LD
VFLD
IFLD = Iop
1.8
V
Threshold Current
Ith
720
mA
Optical Output Power from Fiber
Pf
VRm = 0 V, IFLD = Iop
0.5
mW
Peak Emission Wavelength
λp
IFLD = Iop, VRm = 0 V
1 545
1 560
nm
Spectral Line Width
∆ν
IFLD = Iop, –20 dB, Under modulation
*1
4GHz
Side Mode Suppression Ratio
SMSR
IFLD = Iop, VRm = 0 V
30
dB
Extinction Ratio
ER
IFLD = Iop, Under modulation
*1
10
dB
Cut-off Frequency
fC
IFLD = Iop, VRm = 1/2 VRmpp, –3 dB, 50
Ω
3.2
GHz
Rise Time
tr
IFLD = Iop, 20-80 %, Under modulation
*1
125
ps
Fall Time
tf
IFLD = Iop, 80-20 %, Under modulation
*1
125
ps
Isolation
Is
30
dB
*1 2.48832 Gb/s, PRBS 2
23-1, VRm =VRmc
± 1/2 VRmpp, NEC Test System



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com