Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NDL7701P Datasheet(PDF) 1 Page - NEC

Part # NDL7701P
Description  1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL7701P Datasheet(HTML) 1 Page - NEC

  NDL7701P Datasheet HTML 1Page - NEC NDL7701P Datasheet HTML 2Page - NEC NDL7701P Datasheet HTML 3Page - NEC NDL7701P Datasheet HTML 4Page - NEC NDL7701P Datasheet HTML 5Page - NEC NDL7701P Datasheet HTML 6Page - NEC NDL7701P Datasheet HTML 7Page - NEC NDL7701P Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
The information in this document is subject to change without notice.
©
1996
Document No. P12437EJ3V0DS00 (3rd edition)
Date Published August 1998 NS CP(K)
Printed in Japan
The mark
•
•
•
• shows major revised points.
LASER DIODE
NDL7603P Series
1 310 nm OPTICAL FIBER COMMUNICATIONS
InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
DESCRIPTION
The NDL7603P Series is a 1 310 nm phase-shifted DFB (Distributed Feed-Back) laser diode module with single
mode fiber. The Multiple Quantum Well (MQW) structure is adopted to achieve stable dynamic single longitudinal
mode operation over wide temperature range of
−40 to +85 °C.
It is designed for all STM-1 and STM-4 applications.
FEATURES
• Peak emission wavelength
λp = 1 310 nm
• Optical output power
Pf = 2.0 mW
• Wide operating temperature range
TC =
−40 to +85 °C
•
λ/4-phase-shifted DFB
• Side Mode Suppression Ratio
SMSR = 35 dB MIN.
• InGaAs monitor PIN-PD
PIN CONNECTIONS
Optical Fiber
SM-9/125
Length: 1 m
Optical Fiber
SM-9/125
Length: 1 m
Optical Fiber
SM-9/125
Length: 1 m
4
1
3
2
PD
LD
Case
6±1.0
12.7±0.2
17.0±0.2
4
1
3
2
PD
LD
Case
43
2
1
43
2
1
12±0.15
3
2
PD
4
1
LD
Case
16.0
4
3
2
1
NDL7603P1
NDL7603P2
NDL7603P
PIN CONNECTIONS
PIN CONNECTIONS
PACKAGE DIMENSIONS
in millimeters
6±0.1
φ
P.C.D. = 2
φ
0.9
φ
3.2±0.25
φ
0.9
φ
0.45±0.05
φ
P.C.D. = 2
φ
16
2– 2.5
φ
7±0.2
φ
3.2±0.25
φ
4– 0.45
±0.05
φ
0.9
φ
7±0.2
φ
6±1.0
φ
3.2±0.25
φ
7±0.2
φ
0.45±0.05
φ
P.C.D. = 2
φ


Similar Part No. - NDL7701P

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7701P NEC-NDL7701P Datasheet
74Kb / 8P
1 550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DFB DC-PBH LASER DIODE MODULE
NDL7701P NEC-NDL7701P Datasheet
82Kb / 8P
1 500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7701P NEC-NDL7701P Datasheet
67Kb / 8P
1 550 nm OPTICAL FIBER COMMUNICATIONS EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH APPLICATIONS
NDL7701P NEC-NDL7701P Datasheet
66Kb / 8P
1 550 nm CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE
NDL7701P NEC-NDL7701P Datasheet
71Kb / 8P
CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE FOR D-WDM APPLICATIONS
More results

Similar Description - NDL7701P

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7620P NEC-NDL7620P Datasheet
71Kb / 8P
1 310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB LASER DIODE COAXIAL MODULE FOR 2.5 Gb/s
NDL7701P NEC-NDL7701P Datasheet
74Kb / 8P
1 550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DFB DC-PBH LASER DIODE MODULE
NDL7705P NEC-NDL7705P Datasheet
82Kb / 8P
1 500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7603P NEC-NDL7603P_00 Datasheet
35Kb / 3P
1310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NDL7620P NEC-NDL7620P_00 Datasheet
45Kb / 4P
1310 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB LASER DIODE COAXIAL MODULE FOR 2.5 Gb/s
NDL7701P NEC-NDL7701P_00 Datasheet
36Kb / 2P
1550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB DC-PBH LASER DIODE MODULE
NDL7705P NEC-NDL7705P_00 Datasheet
48Kb / 4P
1500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
logo
California Eastern Labs
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX8530NH CEL-NX8530NH Datasheet
331Kb / 11P
1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
logo
Renesas Technology Corp
NX6314EH RENESAS-NX6314EH_15 Datasheet
205Kb / 7P
LASER DIODE 1 310 nm InGaAsP MQW-DFB LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com