Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA157 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BA157
Description  Low cost construction
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BA157 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BA157 Datasheet HTML 1Page - List of Unclassifed Manufacturers BA157 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
1.2
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175
1
2
4
6 8 10
20
40
60 80100
20
10
1.0
0.1
0.01
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
100
10
1
0.1
1.0
10
100
8.3ms Single Half Sine-Wave
(JEDEC Method) T =T max
j
j
T =25 C
Pulse Width=300us
1% Duty Cycle
j
o
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
AMBIENT TEMPERATURE,( C)
o
NUMBER OF CYCLES AT 60 Hz
INSTANTANEOUS FORWARD VOLTAGE,(V)
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
REVRESE VOLTAGE,(V)
1 Cycle
30
20
10
0
100
10
1.0
0.1
0
20
40
60
80
100
120
140
T =50 C
j
o
T =25 C
j
o
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375 (9.5mm) Lead Length
"
T =25 C
f=1MHz
V =50mVp-p
j
o
sig
NOTES: 1.Rise Time=7ns max.Input Impedance=
1 megohm.22pF
2.Rise time=10ns max.Source Impedance=
50 ohms
FIG.6-TEST CIRCUIT DIAGRAM AND
REVERSE RECOVERY TIME CHARACTERISTIC
PULSE
GENERATIOR
(NOTE 2)
50
NONINDUCTIVE
10
NONINDUCTIVE
25 Vdc
(approx.)
1
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
(-)
(+)
(+)
(-)
+0.5A
0
-0.25A
-1.0A
Trr
1cm
SET TIME BASE FOR
50/100ns/cm
D.U.T.
BA157-159
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com