Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC280 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HD74AC280
Description  9-bit Parity Generator/Checker
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC280 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74AC280 Datasheet HTML 1Page - Hitachi Semiconductor HD74AC280 Datasheet HTML 2Page - Hitachi Semiconductor HD74AC280 Datasheet HTML 3Page - Hitachi Semiconductor HD74AC280 Datasheet HTML 4Page - Hitachi Semiconductor HD74AC280 Datasheet HTML 5Page - Hitachi Semiconductor HD74AC280 Datasheet HTML 6Page - Hitachi Semiconductor HD74AC280 Datasheet HTML 7Page - Hitachi Semiconductor HD74AC280 Datasheet HTML 8Page - Hitachi Semiconductor HD74AC280 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HD74AC280/HD74ACT280
9-bit Parity Generator/Checker
Description
The HD74AC280/HD74ACT280 is a high-speed parity generator/checker that accepts nine bits of input
data and detects whether an even or an odd number of these inputs is High. If an even number of inputs is
High, the Sum Even output is High. If an odd number is High, the Sum Even output is Low. The Sum Odd
output is the complement of the Sum Even output.
Features
• Outputs Source/Sink 24 mA
• HD74ACT280 has TTL-Cmpatible Inputs
Pin Arrangement
1
2
3
4
5
6
7
14
13
12
11
10
9
8
I6
I7
NC
I8
ΣE
ΣO
GND
VCC
I5
I4
I3
I2
I1
I0
(Top view)


Similar Part No. - HD74AC280

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
9-bit Parity Generator/Checker
HD74AC280FPEL RENESAS-HD74AC280FPEL Datasheet
214Kb / 8P
9-bit Parity Generator/Checker
HD74AC280RPEL RENESAS-HD74AC280RPEL Datasheet
214Kb / 8P
9-bit Parity Generator/Checker
More results

Similar Description - HD74AC280

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC280 NSC-54AC280 Datasheet
183Kb / 6P
9-Bit Parity Generator/Checker
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
9-Bit Parity Generator/Checker
logo
Fairchild Semiconductor
74AC280 FAIRCHILD-74AC280 Datasheet
65Kb / 6P
9-Bit Parity Generator/Checker
DM74S280 FAIRCHILD-DM74S280 Datasheet
62Kb / 5P
9-Bit Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
9 - BIT PARITY GENERATOR CHECKER
logo
Motorola, Inc
MC54F280 MOTOROLA-MC54F280 Datasheet
39Kb / 3P
9-BIT PARITY GENERATOR/CHECKER
logo
Toshiba Semiconductor
TC74HC280AP TOSHIBA-TC74HC280AP_07 Datasheet
335Kb / 9P
9-Bit Parity Generator/Checker
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
9-BIT PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74F280SCX FAIRCHILD-74F280SCX Datasheet
77Kb / 6P
9-Bit Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com