Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS3256 Datasheet(PDF) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS3256
Description  High Precision Primary-Side Off-line PWM Power Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS3256 Datasheet(HTML) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS3256 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3256 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3256 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3256 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3256 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3256 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3256 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3256 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3256 Datasheet HTML 9Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
2/9
WS3256 Product Description
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WS
WS
WS
WS 3256D8P
3256D8P
3256D8P
3256D8P
A
A
A
A1a
1a
1a
1a
2C
2C
2C
2C
Typical
Typical
Typical
Typical Application
Application
Application
Application Circuit
Circuit
Circuit
Circuit
Pin
Pin
Pin
Pin Definition
Definition
Definition
Definition and
and
and
and Device
Device
Device
Device Marking
Marking
Marking
Marking
WS3256 is available in DIP8 package:
Pin
Pin
Pin
Pin Function
Function
Function
Function Description
Description
Description
Description
Pin
Pin
Pin
Pin
Name
Name
Name
Name
Pin
Pin
Pin
Pin
Number
Number
Number
Number
Pin
Pin
Pin
Pin Type
Type
Type
Type
Function
Function
Function
Function Description
Description
Description
Description
VCC
1
Power
Power supply
COMP
2
Loop
Compensation
Loop Compensation for CV Stability
INV
3
Feedback Input
The voltage feedback from auxiliary winding. Connected to resistor
divider from auxiliary winding reflecting output voltage. PWM duty
cycle is determined by EA output and current sense signal at pin4.
CS
4
Current
Monitoring
Current sense input.
DRAIN
5/6
Power transistor
drain
This pin connects directly to the primary lead of the transformer.
GND
7/8
GND
Ground
V C C
C O M P
I N V
C S
G N D
G N D
D R A I N
D R A I N
1
2
3
4
5
6
7
8
D I P 8
D: DIP8
P: no Pb
A:wafer information;
1:Ver.; a: Package Code
2C:Y+M(2=2012 C=12 Month
(1,2…A=10,B=11,C=12)
A C
NP
NS
CO
VO
NA U X
V C C
C O M P
I N V
C S
G N D
G N D
G ra in
G ra in
RS
W S 3 2 5 6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com