Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS3440 Datasheet(PDF) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS3440
Description  Constant Current Controller For Non-isolated Buck LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS3440 Datasheet(HTML) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS3440 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3440 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
2/8
WS3440 Product Description
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
Pin
Pin
Pin
Pin Definition
Definition
Definition
Definition and
and
and
and Device
Device
Device
Device Marking
Marking
Marking
Marking
WS3440 is available in SOT23-6 package:
Pin
Pin
Pin
Pin Function
Function
Function
Function Description
Description
Description
Description
Pin
Pin
Pin
Pin Name
Name
Name
Name
Pin
Pin
Pin
Pin NO.
NO.
NO.
NO.
Description
Description
Description
Description
ROVP
1
Programmable LED open protection pin,connect a resistor to GND
GND
2
Ground
CS
3
Current sense input, the sense resistor is connected from CS to ground
S
4
HV power MOSFET source
GATE
5
HV power MOSFET gate
VCC
6
Power supply
Block
Block
Block
Block Diagram
Diagram
Diagram
Diagram
40:WS3440
Y: Year Code (0-9)
M: Month Code (1-12)
F:F: Factory No.
. 4 0 Y M F
6
1
S O T 23-6
1
2
3
6
5
4
R O V P
G N D
C S
V C C
G A T E
S
S
U V L O
In te r
su p p ly
V C C
4 0 0 m V
G N D
So ft-Drive r
4
L o g ic
&
d rive r
3 C S
R O V P 1
O C P
L in e
co mp e n sa tio n
Z e ro -Cu rre n t
De te ct
6
L ED Sh o rt
CS Sh o rt
O T P
2
L E D O P E N
PROT ECT ION
G A T E
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com