Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74ACT366 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HD74ACT366
Description  Hex Inverter Buffer with 3-State Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74ACT366 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HD74ACT366 Datasheet HTML 1Page - Hitachi Semiconductor HD74ACT366 Datasheet HTML 2Page - Hitachi Semiconductor HD74ACT366 Datasheet HTML 3Page - Hitachi Semiconductor HD74ACT366 Datasheet HTML 4Page - Hitachi Semiconductor HD74ACT366 Datasheet HTML 5Page - Hitachi Semiconductor HD74ACT366 Datasheet HTML 6Page - Hitachi Semiconductor HD74ACT366 Datasheet HTML 7Page - Hitachi Semiconductor HD74ACT366 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HD74AC366/HD74ACT366
2
Logic Symbol
OE1
OE2
O
I
Pin Names
OE
1, OE2
3-State Output: Enable Input (Active Low)
I
Inputs
O
Outputs
Truth Table
Inputs
Output
OE
1
OE
2
I
O
LL
L
L
LL
H
H
XH
X
Z
HX
X
Z
H :
High Voltage Level
L
:
Low Voltage Level
X :
Immaterial
Z
:
High Impedance
DC Characteristics (unless otherwise specified)
Item
Symbol
Max
Unit
Condition
Maximum quiescent supply current
I
CC
80
µAV
IN = VCC or ground, VCC = 5.5 V,
Ta = Worst case
Maximum quiescent supply current
I
CC
8.0
µAV
IN = VCC or ground, VCC = 5.5 V,
Ta = 25
°C
Maximum I
CC/input (HD74ACT366)
I
CCT
1.5
mA
V
IN = VCC – 2.1 V, VCC = 5.5 V,
Ta = Worst case



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com