Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC2 Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # HPC2
Description  ceramic fixed power type leaded resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

HPC2 Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  HPC2 Datasheet HTML 1Page - KOA Speer Electronics, Inc. HPC2 Datasheet HTML 2Page - KOA Speer Electronics, Inc. HPC2 Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
122
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/24/13
HPC/PCF
ceramic fixed power type leaded resistor
features
• PCF series: Coated with UL94V0 flameproof material
• Suitable for automatic machine insertion
• Able to replace carbon composition resistors
in most applications
• Marking: HFC size: Reddish brown body color with
alpha-numeric marking, PCF size: Light green
body color with color-coded bands
• Products with lead-free terminations
meet EU RoHS requirements
• Higher reliability against disconnection compared
to wirewound resistors and film resistors
• AEC-Q200 Qualified: HPC only
1/2: T52
1: T631
ordering information
2 significant
figures + 1
multiplier
1/2: 0.5W
1: 1W
2: 2W
3: 3W
4: 4W
5: 5W
HPC
PCF
C: SnCu
A: Ammo
R: Reel
K: ±10%
M: ±20%
PCF
1/2
C
R
Termination
Material
Type
Power
Rating
Nominal
Resistance
Tolerance
Packaging
Taping
Part #
T631
102
K
For further information on packaging,
please refer to Appendix C.
dimensions and construction
L
C
ℓ
ℓ
D
Marking
Coating
Resistive Body
Inner
Electrode
Lead
Wire
Electrode
Cap
L
1.50±.118
(38.0±3.0)
.031
(0.8)
.138±.039
(3.5±1.0)
.177±.039
(4.5±1.0)
.197±.039
(5.0±1.0)
__
__
__
.433±.039
(11.0±2.0)
0.630±.039
(16.0±2.0)
.827±.039
(21.0±2.0)
HPC1/2
HPC1
HPC2
Type
C (max.)
D
d (nom.)
l
Dimensions inches
(mm)
.039
(1.0)
.236±.039
(6.0±1.0)
.276±.039
(7.0±1.0)
.295±.039
(7.5±1.0)
__
__
__
1.02±.039
(26.0±2.0)
1.50±.039
(38.0±2.0)
1.73±.039
(44.0±2.0)
HPC3
HPC4
HPC5
1.18±.118
(30.0±3.0)
1.50±.118
(38.0±3.0)
.031
(0.8)
.028
(0.7)
.138±.02
(3.5±0.5)
.217±.039
(5.5±1.0)
.276±.039
(7.0±1.0)
.437
(11.1)
.748
(19.0)
.886
(22.5)
.354±.039
(9.0±1.0)
0.65±.039
(16.5±1.0)
.748±.039
(19.0±1.0)
PCF1/2
PCF1
PCF2
EU
ℓ
L
ℓ
D
3mm Max.
10K
Marking
Coating
Resistive
Body
Inner
Electrode
Electrode
Cap
Lead
Wire
PCF
HPC


Similar Part No. - HPC2

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
HPC2 KOA-HPC2 Datasheet
344Kb / 3P
ceramic fixed power type leaded resistor
HPC2 KOA-HPC2 Datasheet
230Kb / 2P
RESISTANCE TO POWER SURGE
logo
TAI-TECH Advanced Elect...
HPC252008MF TAI-TECH-HPC252008MF Datasheet
122Kb / 3P
Power Inductor
HPC252008MF-100M TAI-TECH-HPC252008MF-100M Datasheet
122Kb / 3P
Power Inductor
HPC252008MF-1R0M TAI-TECH-HPC252008MF-1R0M Datasheet
122Kb / 3P
Power Inductor
More results

Similar Description - HPC2

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CPCN2N KOA-CPCN2N Datasheet
88Kb / 2P
fixed ceramic melf resistor
RCR25C KOA-RCR25C Datasheet
96Kb / 2P
anti-surge power type leaded resistor
HPC1CT52 KOA-HPC1CT52 Datasheet
99Kb / 2P
ceramic fixed power type leaded resistor
MO1CT52A KOA-MO1CT52A Datasheet
100Kb / 2P
metal oxide power type leaded resistor
MOS1CT26 KOA-MOS1CT26 Datasheet
96Kb / 2P
reduced size metal oxide power type leaded resistor
MO1CT52A473J KOA-MO1CT52A473J Datasheet
387Kb / 2P
metal oxide power type leaded resistor
PCF12CT631R102K KOA-PCF12CT631R102K Datasheet
323Kb / 2P
ceramic fixed power type leaded resistor
RCR50ENCT52A105J KOA-RCR50ENCT52A105J Datasheet
255Kb / 2P
anti-surge power type leaded resistor
HPC2C393K KOA-HPC2C393K Datasheet
344Kb / 3P
ceramic fixed power type leaded resistor
CPCN KOA-CPCN Datasheet
352Kb / 2P
fixed ceramic melf resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com