Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74AC538 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HD74AC538
Description  1-of-8 Decoder with 3-State Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74AC538 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HD74AC538 Datasheet HTML 1Page - Hitachi Semiconductor HD74AC538 Datasheet HTML 2Page - Hitachi Semiconductor HD74AC538 Datasheet HTML 3Page - Hitachi Semiconductor HD74AC538 Datasheet HTML 4Page - Hitachi Semiconductor HD74AC538 Datasheet HTML 5Page - Hitachi Semiconductor HD74AC538 Datasheet HTML 6Page - Hitachi Semiconductor HD74AC538 Datasheet HTML 7Page - Hitachi Semiconductor HD74AC538 Datasheet HTML 8Page - Hitachi Semiconductor HD74AC538 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HD74AC538
4
Truth Table
Inputs
Outputs
Function
OE
1 OE2 E1
E
2
E
3
E
4
A
2
A
1
A
0
O
0
O
1
O
2
O
3
O
4
O
5
O
6
O
7
High impedance
H
X
XXXX
XXX
XZ
Z
ZZZZ
Z
Z
H
XXXX
XXX
Z
Z
Z
ZZZZ
Z
Disable
L
L
H
X
X
X
X
X
X
Outputs equal input
L
LXH
XX
XXX
L
LXXL
X
XXX
L
LXXXLXXX
Active HIGH output
L
L
L
L
H
H
L
L
L
H
L
L
LLLL
L
(P = L)
LL
LLH
H
LLH
LH
L
LLLL
L
LL
LLH
H
L
H
L
LLH
LLLL
L
LL
LLH
H
L
H
H
LLL
H
LLL
L
LL
LLH
H
H
LL
LLL
LH
LL
L
LL
LLH
H
H
LH
LLL
LLH
L
L
LL
LLH
H
H
H
L
LLL
LLLH
L
LL
LLH
H
H
H
H
LLL
LLLL
H
Active LOW output
L
L
L
L
H
H
L
L
L
L
H
H
HHHH
H
(P = L)
L
L
L
L
H
H
L
L
H
HL
H
HHHH
H
L
L
L
L
H
H
L
HL
HHL
HHHH
H
L
L
L
L
H
H
L
HH
HHH
L
HHH
H
LL
LLH
H
H
LL
H
H
H
H
L
H
H
H
LL
LLH
H
H
LH
H
H
H
H
H
L
H
H
L
L
L
L
H
H
HHL
HHH
HHHL
H
L
L
L
L
H
H
HHH
HHH
HHHH
L
H :
High Voltage Level
L
:
Low Voltage Level
X :
Immaterial
Z
:
High Impedance
DC Characteristics (unless otherwise specified)
Item
Symbol
Max
Unit
Condition
Maximum quiescent supply current
I
CC
80
µAV
IN = VCC or ground, VCC = 5.5 V,
Ta = Worst case
Maximum quiescent supply current
I
CC
8.0
µAV
IN = VCC or ground, VCC = 5.5 V,
Ta = 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com