Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4989 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L4989
Description  Low power voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4989 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L4989 Datasheet HTML 4Page - STMicroelectronics L4989 Datasheet HTML 5Page - STMicroelectronics L4989 Datasheet HTML 6Page - STMicroelectronics L4989 Datasheet HTML 7Page - STMicroelectronics L4989 Datasheet HTML 8Page - STMicroelectronics L4989 Datasheet HTML 9Page - STMicroelectronics L4989 Datasheet HTML 10Page - STMicroelectronics L4989 Datasheet HTML 11Page - STMicroelectronics L4989 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical specifications
L4989
8/19
2.3
Electrical characteristics
Vs =5.6V to 31V, Tj= -40°C to +150°C unless otherwise specified.
Table 5.
General
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vo
Vo_ref
Output voltage
Vs = 5.6 to 31V
Io = 1 to 150 mA
4.85
5.0
5.15
V
Vo
Ishort_13
Short circuit current
Vs = 13.5V(1)
1.
See Figure 3.
160
210
250
mA
Vo
Ilim
Output current limitation
Vs = 13.5V
(1)
170
250
290
mA
Vs, Vo
Vline
Line regulation voltage
Vs = 5.6 to 31V
Io = 1 to 150mA
25
mV
Vo
Vload
Load regulation voltage
Io = 1 to 150mA
25
mV
Vs, Vo
Vdp
Drop voltage
Io = 150mA
180
400
mV
Vs, Vo
SVR
Ripple rejection
fr = 100 Hz
55
dB
Vs, Vo
Iqs_1
Current consumption with
watchdog not active
Iqs_1= IVS-IO
Vs=13.5V, Io<1mA,
WEn = low
69
115
µA
Vs, Vo
Iqs_10
Current consumption with
watchdog not active
Iqs_10= IVS-IO
Vs=13.5V,
Io= 10mA,
WEn = low
127
300
µA
Vs, Vo
Iqs_50
Current consumption with
watchdog not active
Iqs_50= IVS-IO
Vs=13.5V,
Io= 50mA,
WEn = low
498
900
µA
Vs, Vo
Iqs_150
Current consumption with
watchdog not active
Iqs_150= IVS-IO
Vs=13.5V,
Io= 150mA,
WEn = low
1.40
2
mA
Vs, Vo
Iqn_1
Current consumption with
watchdog active
Iqn_1= IVS-IO
Vs=13.5V, Io<1mA,
WEn = high
110
170
µA
Vs, Vo
Iqn_10
Current consumption with
watchdog active
Iqn_10= IVS-IO
Vs=13.5V,
Io= 10mA,
WEn = high
168
350
µA
Vs, Vo
Iqn_50
Current consumption with
watchdog active
Iqn_50= IVS-IO
Vs=13.5V,
Io= 50mA,
WEn = high
538
1000
µA
Vs, Vo
Iqn_150
Current consumption with
watchdog active
Iqn_150= IVS-IO
Vs=13.5V,
Io= 150mA,
WEn = high
1.45
2
mA
Tw
Thermal protection
temperature
150
190
°C
Tw_hy
Thermal protection
temperature hysteresis
10
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com