Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR745 Datasheet(PDF) 2 Page - Supertex, Inc

Part # LR745
Description  High Input Voltage SMPS Start-up
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR745 Datasheet(HTML) 2 Page - Supertex, Inc

  LR745 Datasheet HTML 1Page - Supertex, Inc LR745 Datasheet HTML 2Page - Supertex, Inc LR745 Datasheet HTML 3Page - Supertex, Inc LR745 Datasheet HTML 4Page - Supertex, Inc LR745 Datasheet HTML 5Page - Supertex, Inc LR745 Datasheet HTML 6Page - Supertex, Inc LR745 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
LR745
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
Sym
Parameter
Min
Typ
Max
Units Conditions
V
OUT
Output voltage
18.0
-
24
V
I
OUT = 0
V
OUT over temperature
17.7
-
24.3
V
I
OUT = 0, TA = -40°C to +85
O
C
I
OUT
Output current limiting
2.0
3.0
4.0
mA
---
V
IN
Operating input voltage range
35
-
450
V
---
I
INQ
Input quiescent current
-
-
500
µA
V
IN = 400V, IOUT = 0
V
OFF
Output turn off voltage
12.6
13.25
13.9
V
---
V
OFF over temperature
12.3
13.25
14.2
V
T
A = -40°C to +85
O
C
V
RESET
Output reset voltage
6.3
7.0
7.7
V
---
V
RESET over temperature
6.0
7.0
8.0
V
T
A = -40°C to +85
O
C
I
OFF
V
IN off-state leakage current
-
-
75
µA
V
IN = 400V
V
AUX
External voltage applied to V
OUT
-
-
22
V
---
I
AUX
Input current applied to V
OUT
-
-
500
µA
V
AUX = 22V
Electrical Characteristics
(Test conditions unless otherwise specified: T
A = 25°C; VIN = 450V)
Block Diagram
+
+
–
–
CLK
Clock
Reset
Q
GND
R D
V
OUT
V
OUT
V
IN
M2
M1
R1
R2
R3
2.0 to 4.0mA
R4
23V
V
Z
comp1
VREF
Reset
+
–
comp2
+
–
comp1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com