Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2540 Datasheet(PDF) 1 Page - Supertex, Inc

Part # TP2540
Description  P-Channel Enhancement Mode Vertical DMOS FETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP2540 Datasheet(HTML) 1 Page - Supertex, Inc

  TP2540 Datasheet HTML 1Page - Supertex, Inc TP2540 Datasheet HTML 2Page - Supertex, Inc TP2540 Datasheet HTML 3Page - Supertex, Inc TP2540 Datasheet HTML 4Page - Supertex, Inc TP2540 Datasheet HTML 5Page - Supertex, Inc TP2540 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
TP2540
Features
Low threshold (-2.4V max.)
High input impedance
Low input capacitance (125pF max.)
Fast switching speeds
Low on-resistance
Free from secondary breakdown
Low input and output leakage
Applications
Logic level interfaces - ideal for TTL and CMOS
Solid state relays
Battery operated systems
Photo voltaic drives
Analog switches
General purpose line drivers
Telecom switches
►
►
►
►
►
►
►
►
►
►
►
►
►
►
General Description
This low threshold enhancement-mode (normally-off)
transistor utilizes a vertical DMOS structure and Supertex’s
well-proven silicon-gate manufacturing process. This
combination produces a device with the power handling
capabilities of bipolar transistors and with the high input
impedance and positive temperature coefficient inherent
in MOS devices. Characteristic of all MOS structures,
this device is free from thermal runaway and thermally-
induced secondary breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a wide
range of switching and amplifying applications where very
low threshold voltage, high breakdown voltage, high input
impedance, low input capacitance, and fast switching
speeds are desired.
P-Channel Enhancement Mode
Vertical DMOS FETs
Absolute Maximum Ratings
Product Marking
TO-243AA (SOT-89) (N8)
TP5DW W = Code for week sealed
= “Green” Packaging
GATE
SOURCE
DRAIN
DRAIN
Ordering Information
Device
Package Options
BV
DSS/BVDGS
(V)
R
DS(ON)
(max)
(Ω)
V
GS(th)
(max)
(V)
I
D(ON)
(min)
(A)
TO-92
TO-243AA (SOT-89)
Die*
TP2540
TP2540N3-G
TP2540N8-G
TP2540ND
-400
25
-2.4
-0.4
-G indicates package is RoHS compliant (‘Green’)
* MIL visual screening available.
Parameter
Value
Drain-to-source voltage
BV
DSS
Drain-to-gate voltage
BV
DGS
Gate-to-source voltage
±20V
Operating and storage temperature
-55°C to +150°C
Soldering temperature*
+300°C
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
*
Distance of 1.6mm from case for 10 seconds.
GATE
SOURCE
DRAIN
TO-92 (N3)
TO-243AA (SOT-89) (N8)
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
SiTP
2 5 4 0
Y Y W W
TO-92 (N3)
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
Pin Configurations


Similar Part No. - TP2540

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TP2540 SUTEX-TP2540 Datasheet
481Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP2540N3 SUTEX-TP2540N3 Datasheet
481Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP2540N8 SUTEX-TP2540N8 Datasheet
481Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP2540N8-G SUTEX-TP2540N8-G Datasheet
639Kb / 5P
P-Channel Enhancement Mode Vertical DMOS FETs
TP2540ND SUTEX-TP2540ND Datasheet
481Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
More results

Similar Description - TP2540

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TP0606 SUTEX-TP0606 Datasheet
454Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP07L SUTEX-TP07L Datasheet
73Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs????
VP0104 SUTEX-VP0104 Datasheet
46Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP1506 SUTEX-VP1506 Datasheet
27Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP2106 SUTEX-VP2106 Datasheet
456Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP1504 SUTEX-VP1504 Datasheet
339Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP2520 SUTEX-TP2520_07 Datasheet
576Kb / 5P
P-Channel Enhancement Mode Vertical DMOS FETs
TP2635 SUTEX-TP2635_07 Datasheet
562Kb / 5P
P- Channel Enhancement-Mode Vertical DMOS FETs
TP2424N8-G SUTEX-TP2424N8-G Datasheet
347Kb / 3P
P-Channel Enhancement Mode Vertical DMOS FETs
TP0610T-G SUTEX-TP0610T-G Datasheet
656Kb / 5P
P-Channel Enhancement Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com