Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP3203 Datasheet(PDF) 3 Page - Supertex, Inc

Part # VP3203
Description  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VP3203 Datasheet(HTML) 3 Page - Supertex, Inc

  VP3203 Datasheet HTML 1Page - Supertex, Inc VP3203 Datasheet HTML 2Page - Supertex, Inc VP3203 Datasheet HTML 3Page - Supertex, Inc VP3203 Datasheet HTML 4Page - Supertex, Inc VP3203 Datasheet HTML 5Page - Supertex, Inc VP3203 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
VP3203
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
Typical Performance Curves
Output Characteristics
-20
-16
-12
-8
-4
0
Saturation Characteristics
-20
-16
-12
-8
-4
0
Maximum Rated Safe Operating Area
-0.1
-100
-10
-1.0
-0.1
-1.0
-10
-0.01
Thermal Response Characteristics
1.0
0.8
0.6
0.4
0.2
0
0.001
10
0.01
0.1
1.0
Transconductance vs. Drain Current
Power Dissipation vs. Ambient Temperature
0
150
100
50
2.0
1.6
1.2
0.8
0.4
0
125
75
25
TO-243AA
TO-92
TA = -55°C
TO-243AA(DC)
TO-92 (DC)
0
-5
-10
-15
-25
-30
-20
0
-2
-4
-6
-10
-8
TO-243AA (pulsed)
TO-92 (pulsed)
TA = 25°C
TA = 125°C
5
4
3
2
1
0
0
-1
-2
-3
-5
-4
-6V
-4V
-3V
-8V
-6V
-4V
-3V
-8V
TO-243AA
TA = 25°C
PD = 1.6W
T = 25
A
C
°
VDS (volts)
VDS (volts)
VGS = -10V
VGS = -10V
ID (amperes)
TA (°C)
VDS = -25V
VDS (volts)
tp (seconds)
TO-92
PD = 1W
TC = 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com