Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP3203 Datasheet(PDF) 1 Page - Supertex, Inc

Part # VP3203
Description  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VP3203 Datasheet(HTML) 1 Page - Supertex, Inc

  VP3203 Datasheet HTML 1Page - Supertex, Inc VP3203 Datasheet HTML 2Page - Supertex, Inc VP3203 Datasheet HTML 3Page - Supertex, Inc VP3203 Datasheet HTML 4Page - Supertex, Inc VP3203 Datasheet HTML 5Page - Supertex, Inc VP3203 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
VP3203
P-Channel Enhancement-Mode
Vertical DMOS FET
Absolute Maximum Ratings
Parameter
Value
Drain-to-source voltage
BV
DSS
Drain-to-gate voltage
BV
DGS
Gate-to-source voltage
±20V
Operating and storage temperature
-55OC to +150OC
Soldering temperature*
300OC
Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
* Distance of 1.6mm from case for 10 seconds.
Ordering Information
Device
Package Options
BV
DSS/BVDGS
(V)
R
DS(ON)
(max)
(Ω)
I
D(ON)
(min)
(A)
TO-92
TO-243AA (SOT-89)
Die*
VP3203
VP3203N3-G
VP3203N8-G
VP3203ND
-30
0.6
14.0
-G indicates package is RoHS compliant (‘Green’)
* Mil visual screening available.
Pin Configurations
TO-92 (N3)
Product Marking
TO-243AA (SOT-89) (N8)
VP2LW
W = Code for week sealed
= “Green” Packaging
Features
Free from secondary breakdown
Low power drive requirement
Ease of paralleling
Low C
ISS and fast switching speeds
High input impedance and high gain
Excellent thermal stability
Integral source-to-drain diode
Applications
Motor controls
Converters
Amplifiers
Switches
Power supply circuits
Drivers (relays, hammers, solenoids, lamps,
memories, displays, bipolar transistors, etc.)
►
►
►
►
►
►
►
►
►
►
►
►
►
General Description
The Supertex VP3203 is an enhancement-mode (normally-
off) transistor that utilizes a vertical DMOS structure
and Supertex’s well-proven silicon-gate manufacturing
process. This combination produces a device with the
power handling capabilities of bipolar transistors, and the
high input impedance and positive temperature coefficient
inherent in MOS devices. Characteristic of all MOS
structures, this device is free from thermal runaway and
thermally-induced secondary breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a
wide range of switching and amplifying applications where
very low threshold voltage, high breakdown voltage, high
input impedance, low input capacitance, and fast switching
speeds are desired.
GATE
SOURCE
DRAIN
TO-243AA (SOT-89) (N8)
GATE
SOURCE
DRAIN
DRAIN
TO-92 (N3)
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
SiVP
3 2 0 3
Y Y W W
Package may or may not include the following marks: Si or
Packages may or may not include the following marks: Si or


Similar Part No. - VP3203

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VP3203 SUTEX-VP3203 Datasheet
458Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP3203 SUTEX-VP3203 Datasheet
608Kb / 6P
P-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
VP3203 MICROCHIP-VP3203 Datasheet
779Kb / 14P
P-Channel Enhancement-Mode Vertical DMOS FET
09/14/21
logo
Supertex, Inc
VP3203N3 SUTEX-VP3203N3 Datasheet
458Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP3203N3-G SUTEX-VP3203N3-G Datasheet
608Kb / 6P
P-Channel Enhancement-Mode Vertical DMOS FET
More results

Similar Description - VP3203

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BS250F ZETEX-BS250F Datasheet
80Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2106A ZETEX-ZVP2106A Datasheet
51Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2110A ZETEX-ZVP2110A Datasheet
65Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2120G ZETEX-ZVP2120G Datasheet
74Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP3306F ZETEX-ZVP3306F Datasheet
109Kb / 2P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP4105A ZETEX-ZVP4105A Datasheet
49Kb / 1P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVP4105A DIODES-ZVP4105A Datasheet
60Kb / 1P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
MARCH 1994
ZVP3310A DIODES-ZVP3310A_15 Datasheet
94Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
MARCH 1994
logo
Supertex, Inc
TP5335 SUTEX-TP5335_13 Datasheet
582Kb / 3P
P-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
VP0106 MICROCHIP-VP0106 Datasheet
759Kb / 14P
P-Channel Enhancement-Mode Vertical DMOS FET
Rev. A April 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com