Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSR1.0 Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

Part # PSR1.0
Description  NON-ISOLATION DC-DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

PSR1.0 Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

  PSR1.0_14 Datasheet HTML 1Page - Power Mate Technology Co., LTD PSR1.0_14 Datasheet HTML 2Page - Power Mate Technology Co., LTD PSR1.0_14 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PSR1.0
3
www.PDUKE.com
2014/03/28
CHARACTERISTIC CURVE
PSR1.0-05 Derating Curve
PSR1.0-05 Efficiency vs. Input Voltage
PSR1.0-05 Efficiency vs. Output Load
MECHANICAL DRAWING
Standard type: Vertical mounting
Suffix-A: Horizontal mounting
PIN CONNECTION
PIN
DEFINE
1
+Vin
2
GND
3
+Vout
1. All dimensions in inch (mm)
2. Tolerance :x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
3. Pin pitch tolerance ±0.01 (0.25)
4. Pin dimension tolerance ±0.004(0.1)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com