Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2104 Datasheet(PDF) 4 Page - Supertex, Inc

Part # TP2104
Description  P-Channel Enhancement Mode Vertical DMOS FETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP2104 Datasheet(HTML) 4 Page - Supertex, Inc

  TP2104 Datasheet HTML 1Page - Supertex, Inc TP2104 Datasheet HTML 2Page - Supertex, Inc TP2104 Datasheet HTML 3Page - Supertex, Inc TP2104 Datasheet HTML 4Page - Supertex, Inc TP2104 Datasheet HTML 5Page - Supertex, Inc TP2104 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
TP2104
● 1235 Bordeaux Drive, Sunnyvale, CA 94089 ● Tel: 408-222-8888 ● www.supertex.com
Typical Performance Curves (cont.)
Gate Drive Dynamic Characteristics
Q (nanocoulombs)
G
Tj
V
DS(ON)
GS(th) and R
Variation with Temperature
C)
°
(
On-Resistance vs. Drain Current
(amperes)
D
Variation with Temperature
DSS
C)
°
(
Tj
Transfer Characteristics
VGS (volts)
Capacitance vs. Drain-to-Source Voltage
100
VDS (volts)
I
BV
0
-10
-20
-30
-40
50
75
25
0
0
-2
-4
-6
-8
-10
-2.0
-1.6
-1.2
-0.8
-0.4
0
-50
0
50
100
150
1.1
1.0
20
16
12
8
4
0
1.2
1.1
1.0
0.9
0.8
0.7
-10
-8
-6
-4
-2
0
0.5
1.0
1.5
2.0
2.5
-50
0
50
100
150
35 pF
VDS = -40V
VDS = -10V
VGS = -4.5V
VGS = -10V
T = -55°C
A
VDS = -25V
125°C
0
-0.4
-0.8
-1.2
-2.0
-1.6
f = 1MHz
CISS
COSS
CRSS
0.9
125 pF
1.6
1.4
1.2
1.0
0.8
V
@ -1mA
25°C
0
RDS(ON) @ -10V, -0.5A
GS(th)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com