Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HER201
Description  HIGH EFFICIENCY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HER201 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HER201 Datasheet HTML 1Page - List of Unclassifed Manufacturers HER201 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
Dimensions in inches and (millimeters)
VOLTAGE RANGE
CURRENT
50 to 800 Volts
2.0 Amperes
Maximum RMS Voltage
Maximum Average Forward Rectified Current
0.375 (9.5mm) lead length at T =50 C
A
o
"
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum Instantaneous Forward Voltage Drop
at 2.0A
Maximum DC Reverse Currentat rated DC
blocking voltage T =25 C
A
o
Typical Junction Capacitance(NOTE2)
Typical Thermal Resistance(NOTE3).
Operating and Storage Temperature Range
NOTES:
1.Test condition:I =0.5A,I =1.0A.I =0.25A.
2.Measured at 1MHz and applied reverse of 4.0volts.
3.Thermal resistance from junction to ambient with
F
R
RR
0.375
(9.5mm) lead length,P.C.B.mounted.
”
SYMBOLS
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
IR(AV)
CJ
T ,T
J
STG
-65 to +150
40
100
5.0
1.3
60
2.0
Amps
Volts
n
S
p
F
O C/W
O C
30
50
Maximum Reverse Recovery Time(NOTE1)
UNITS
50
50
35
100
100
70
200
200
140
400
400
280
600
600
420
800
800
560
HER HER HER HER HER HER HER
201 202
203 204 205 206 207
300
210
300
Maximum Full Load Reverse Curren, full cycle
average 0.375 (9.5mm) lead length at T =55 C
L
o
"
1.5
1.7
1.0
A
A
20
70
Amps
trr
Maximum Repetitive Peak Reverse Voltage
Maximum DC Blocking Voltage
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Low power loss,high efiiciency.
Low leakage.
High speed switching.
High current capability.
High surge capability.
High temperature soldering guaranteed:
260 C/10 seconds/0.375 (9.5mm)lead length
at 5 lbs (2,3kg) tension
Transfer molded plastic
UL94V-0 rate flame retardant
Color band denotes cathode end
Plated axial lead ,solderable per MIL-STD-202E
method 208C
Any
0.014 ounce,0.39 gram
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load derate current by 20%.
o
Case:
Epoxy:
Polarity:
Lead:
Mounting position:
Weight:
o
"
.034(0.9)
.028(0.7)
DIA.
1.0(25.4)
MIN
.300(7.6)
.230(5.8)
.140(3.6)
.104(2.6)
DIA
DO-15
1.0(25.4)
MIN
Volts
Volts
Volts
HIGH EFFICIENCY RECTIFIER
R JA
HER201-207
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - HER201

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER201 WTE-HER201 Datasheet
49Kb / 3P
2.0A HIGH EFFICIENCY RECTIFIER
logo
Zowie Technology Corpor...
HER201 ZOWIE-HER201 Datasheet
50Kb / 2P
HIGH EFFICIENCY RECITIFIER
logo
Rectron Semiconductor
HER201 RECTRON-HER201 Datasheet
43Kb / 2P
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere)
logo
Jinan Gude Electronic D...
HER201 JGD-HER201 Datasheet
165Kb / 2P
2.0 AMPS.HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER201 BYTES-HER201 Datasheet
154Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER201

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
High Efficiency Rectifier
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER601G JINGHENG-HER601G Datasheet
66Kb / 2P
HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com