Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G511017 Datasheet(PDF) 1 Page - E-SWITCH

Part # G511017
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

G511017 Datasheet(HTML) 1 Page - E-SWITCH

  G511017 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETERIC
ISOMETERIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
KC51A9.501NPF
1.5:1
9/29/2009
G511017
A
BLR
1
1
A
1 2 3 4 5 6 7 8
CONTACT CONFIGURATION
TIMING (BBM) NON-SHORTING
910 11
A
1
2
3
4
5
6
7
8
P.C. MOUNTING
9
10
11
8.00
[.315 in]
14.20
[.559 in]
2.00
[.079 in]
9.50
[.374 in]
2.00
[.079 in]
3.40
[.134 in]
27.50
[1.083 in]
n26.00
[1.024 in]
NOTE:
1. ALL DIMENSIONS IN MM[INCH].
2. GENERAL TOLERANCE: X.X=`0.4
X.XX=`0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. CONTACT MATERIAL: GOLD
5. CONTACT RATING: 0.3A @ 125VAC
6. CONTACT RESISTANCE: 50 Milli-OHMS MAX.
7. OPERATING FORCE: 800 ` 300 g/cm
8. OPERATING TEMP: -30~C TO 85~C
9. CIRCUIT SP: 11 POSITION - 30~ INDEX (NON-SHORTING)
10. INSULATION RESISTANCE: 100 Mega-OHMS MIN.
11. DIELECTRIC STRENGTH: 500 VAC FOR 1 min..
12. HARDWARE SUPPLIED ON SWITCH:
LOCKWASHER, HEXNUT, STOP RING
13.
DENOTES CRITICAL PARAMETER.
14. 2002/95/EC (ROHS) COMPLIANT.
HARDWARE SUPPLIED
ON SWITCH
A
18650
Released For Production
9/29/09
BLR
5.50
[.217 in] FLAT
30.0°
n6.35
[.250 in]
30.0°
n22.00
[.866 in]
n1.40
[.055 in]
n8.00
[.315 in]
10.50
[.413 in]
n 17.30
[.681 in]
9.50
[.374 in]
3.00
[.118 in]
3/8-32 UNEF-2A THREAD


Similar Part No. - G511017

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
G511010 E-SWITCH-G511010 Datasheet
138Kb / 1P
ALL DIMENSIONS IN MM [INCH]
G511011 E-SWITCH-G511011 Datasheet
138Kb / 1P
ALL DIMENSIONS IN MM [INCH]
G511012 E-SWITCH-G511012 Datasheet
137Kb / 1P
ALL DIMENSIONS IN MM [INCH]
G511013 E-SWITCH-G511013 Datasheet
139Kb / 1P
ALL DIMENSIONS IN MM [INCH]
G511014 E-SWITCH-G511014 Datasheet
141Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - G511017

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com