Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACK-1908 Datasheet(PDF) 1 Page - Applied Concepts Inc.

Part # ACK-1908
Description  LED MODIFIED DISPLAY AND DRIVER KIT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIPOWER [Applied Concepts Inc.]
Direct Link  http://www.acipower.com
Logo ACIPOWER - Applied Concepts Inc.

ACK-1908 Datasheet(HTML) 1 Page - Applied Concepts Inc.

  ACK-1908 Datasheet HTML 1Page - Applied Concepts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page 1 of 1
397 Route 281
P.O. Box 1175
Tully, New York 13159-1175
Phone: 315 696-6676
Fax: 315 696 9923
Email: sales@acipower.com
www.acipower.com
ACK-1908
KIT DATASHEET
03/08/10
LED MODIFIED DISPLAY AND DRIVER KIT
GENERAL DESCRIPTION
The ACK-1908 kit consists of the LED Modified NEC
NL10276BC16-01 XGA TFT 8.4 Display and LED Driver.
The resulting performance provides a brightness of
1000 cd/m2.
Performance at given brightness level
1000 cd/m2 with 10.5 Watts LED Power
KIT Includes:
QTY
1
1
1
P/N
ACD-NC084-1803
ACI-1903
27-R0067
DESCRIPTION
LED Modified Display
LED Driver
Input Cable Assembly
LED MODIFIED DISPLAY
LED
DRIVER
1, 2, 3
4, 5, 6
7
1
2
3
4
5
+8 to +18VDC
GND(PWR)
ENABLE
ICNTL
GND(SIGNAL)
+5V REF OUT
INPUT CABLE ASSEMBLY
1
2
3
4
5
1
2
3
4
5
6
7
8
9
10
11
12
1
2
3
4
5
6
7
8
9
10
11
12
8
9
68K
12


Similar Part No. - ACK-1908

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACK-1907 ACIPOWER-ACK-1907 Datasheet
83Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-1909 ACIPOWER-ACK-1909 Datasheet
83Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
More results

Similar Description - ACK-1908

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACK-1911 ACIPOWER-ACK-1911 Datasheet
83Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-1912 ACIPOWER-ACK-1912 Datasheet
84Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-1948 ACIPOWER-ACK-1948 Datasheet
89Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-1951 ACIPOWER-ACK-1951 Datasheet
89Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2035 ACIPOWER-ACK-2035 Datasheet
130Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2048 ACIPOWER-ACK-2048 Datasheet
168Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2131 ACIPOWER-ACK-2131 Datasheet
168Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2132 ACIPOWER-ACK-2132 Datasheet
168Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2228 ACIPOWER-ACK-2228 Datasheet
191Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
ACK-2568 ACIPOWER-ACK-2568 Datasheet
190Kb / 1P
LED MODIFIED DISPLAY AND DRIVER KIT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com