Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW2424 Datasheet(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

Part # SW2424
Description  General Battery
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
Direct Link  http://www.sunnyway-battery.com
Logo SUNNYWAY - Shenzhen Sunnyway Battery Tech Co.Ltd.

SW2424 Datasheet(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

  SW2424 Datasheet HTML 1Page - Shenzhen Sunnyway Battery Tech Co.Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
16.8
15.6
18.0
19.2
21.6
26.4
25.2
24.0
22.8
27.6
20.4
R
Nominal Voltage
Rated capacity (20 hour rate)
Total Height
Height
Length
Width
Dimensions
Capacity
affected
by Temperature
hour rate)
(20
Terminal
Cycle
Float
Weight Approx
24V
2.4Ah
70mm (2.76 inches)
70mm (2.76 inches)
180mm (7.09 inches)
73mm (2.87 inches)
2.3Kg (5.07 lbs)
Capacity
25
(77
)
℃
℉
Internal Resistance
Charge
(constant
Voltage)
20 hour rate(0.12 A)
10 hour rate(0.22 A)
5 hour rate(0.40 A)
1 hour rate(1.44 A)
2.40 AH
2.20 AH
2.00 AH
1.44 AH
1.5 hour discharge to 21.0V
Full charged Battery
25 (77 )
at
℃
℉
0.96 A
120 mΩ
40
(104
)
25
(77
)
0
(32
)
-15
(5
)
℃
℉
℃
℉
℃
℉
℃ ℉
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
TW10
Initial Charging Current less than1.40A
Voltage 28.2-28.8V
Voltage 27-27.6V
SW2424(24V2.4AH)
Self-Discharge
25
(77
)
at
℃
℉
Specifications
Characteristics
Outer dimensions (mm)
Terminal Type (mm)
Discharge Curves 25℃(77 )
℉
R
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
8.6A
7.2A
4.8A
2.4A
0.96A
0.48A 0.24A
0.12A
(h)
(m in)
40
20
60
40
20
2
10
8
6
4
10
8
6
4
2
1
0
27
8
1 80
73
5min
10min
15min
30min
1h
2h
3h
4h
5h
8h
10h
20h
A
8.64
5.41
4.20
2.76
1.44
0.84
0.62
0.50
0.42
0.28
0.23
0.12
W
183.17
115.33
89.88
59.62
31.39
18.31
13.60
10.91
9.26
6.17
5.04
2.78
A
7.92
5.30
3.86
2.62
1.35
0.81
0.60
0.48
0.41
0.27
2.23
0.12
W
175.03
117.66
86.08
58.95
30.42
18.22
13.56
10.90
9.38
6.20
50.62
2.75
A
7.35
5.06
3.60
2.54
1.31
0.79
0.59
0.46
0.41
0.27
0.22
0.12
W
164.53
113.94
81.36
57.91
29.82
18.09
13.51
10.49
9.45
6.21
5.08
2.76
A
6.69
4.84
3.36
2.42
1.26
0.77
0.58
0.45
0.39
0.26
0.21
0.12
W
151.82
110.35
76.94
55.99
29.20
17.79
13.46
10.44
9.09
6.13
5.01
2.73
A
5.78
4.56
3.12
2.26
1.22
0.75
0.55
0.44
0.37
0.26
0.21
0.11
W
133.03
105.34
72.38
52.79
28.55
17.55
12.93
10.38
8.80
6.04
4.96
2.69
22.20V
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25℃(77℉)
Time
19.20V
20.40V
21.00V
21.60V


Similar Part No. - SW2424

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW2424 SUNNYWAY-SW2424_17 Datasheet
745Kb / 1P
Constant Current(Amp) andConstant Power(Watt)DischargeTable at 25??77??
More results

Similar Description - SW2424

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW633 SUNNYWAY-SW633 Datasheet
420Kb / 1P
General Battery
SW660 SUNNYWAY-SW660_1 Datasheet
344Kb / 1P
General Battery
SW680 SUNNYWAY-SW680 Datasheet
400Kb / 1P
General Battery
SW1208 SUNNYWAY-SW1208 Datasheet
343Kb / 1P
General Battery
SW1215 SUNNYWAY-SW1215 Datasheet
429Kb / 1P
General Battery
SW1215 SUNNYWAY-SW1215_1 Datasheet
414Kb / 1P
General Battery
SW1223 SUNNYWAY-SW1223 Datasheet
413Kb / 1P
General Battery
SW1226 SUNNYWAY-SW1226 Datasheet
383Kb / 1P
General Battery
SW1226 SUNNYWAY-SW1226_1 Datasheet
424Kb / 1P
General Battery
SW1233 SUNNYWAY-SW1233 Datasheet
382Kb / 1P
General Battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com