Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U209-000-R Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # U209-000-R
Description  USB to Serial Adapter Cable (A-M to DB9-M)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U209-000-R Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U209-000-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U209-000-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved U209-000-R Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USB to Serial Adapter Cable (A-M to DB9-M)
MODEL NUMBER: U209-000-R
Description
Tripp Lite's USB to Serial Adapter Cable enables a RS-232 serial device to be connected to a computer's USB
port. Perfect for a PDA, digital camera, modem or ISDN terminal with a serial port. The unit features a portable
design that does not require external power. Supports data transfer rates up to 230 kbps. 17-in overall length.
Features
Connect a RS-232 Serial device to the USB port on your computer
Connectors: USB-A male/DB9 male
Portable design is ideal for use with a PDA or digital camera
Does not require external power
Supports data transfer rates up to 230 kbps
Premium double-shielded cable with tinned copper braid and aluminum Mylar foil shield that eliminates cross-talk and reduces EMI/RFI interference
Supports DB25 serial devices by connecting Tripp Lite's at serial gold adapter (# P100-000-R)
Compatible with Windows 98, Windows 98 SE, Windows 2000, Windows ME, XP, 2008 Server 32/64, Vista 32/64, Win7 32/64, 2008 Server 32/64, Win 8
32/64, 8.1 32/64, 2012 Server 32/64
Prolific PL2303HXD-LF Chipset
Specifications
OVERVIEW
Intended Application
Connecting Peripherals
Cable Type
USB
Model Type
Adapters
INPUT
Highlights
17-in Length
No external power required
Compatible with Windows 98,
Windows 98 SE, Windows 2000,
Windows ME, XP, 2008 Server
32/64, Vista 32/64, Win7 32/64,
2008 Server 32/64, Win 8 32/64,
8.1 32/64, 2012 Server 32/64
Need Drivers? Click on
"SUPPORT" tab above
Applications
Notebook and desktop computers
System Requirements
Computer with an available USB
port (it is recommended to
connect adapter directly to the
PC and not through a USB HUB).
Package Includes
U209-000-R USB to Serial
Adapter Cable
Owner's Manual
1 / 2


Similar Part No. - U209-000-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U209-005-C TRIPPLITE-U209-005-C Datasheet
518Kb / 2P
USB-C to DB9 Serial Adapter Cable (M/M), 5 ft.
U209-006-RJ45-X TRIPPLITE-U209-006-RJ45-X Datasheet
172Kb / 2P
USB to RJ45 Cisco Serial Rollover Cable, USB Type-A to RJ45 M/M, 6 ft.
U209-006-RJ45XC TRIPPLITE-U209-006-RJ45XC Datasheet
172Kb / 3P
USB-C to RJ45 Serial Rollover Cable (M/M) - Cisco Compatible, 250 Kbps, 6 ft. (1.8 m)
More results

Similar Description - U209-000-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B090A9M TRIPPLITE-B090A9M Datasheet
493Kb / 2P
Modular Serial Adapter (DB9 M to RJ45 F)
U206006R TRIPPLITE-U206006R Datasheet
508Kb / 2P
USB to Parallel Printer Cable (USB-A to Centronics 36 M-M), 6-ft
U206010 TRIPPLITE-U206010 Datasheet
509Kb / 2P
USB to Parallel Printer Cable (USB-A to Centronics 36 M-M), 10-ft.
U209000R TRIPPLITE-U209000R Datasheet
524Kb / 2P
USB to Serial Adapter Cable (USB-A to DB9 M-M), 5-ft
P454006 TRIPPLITE-P454006 Datasheet
473Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 M-F), 6-ft
P456006 TRIPPLITE-P456006 Datasheet
505Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 to DB25 F-M), 6-ft
U209-005-C TRIPPLITE-U209-005-C Datasheet
518Kb / 2P
USB-C to DB9 Serial Adapter Cable (M/M), 5 ft.
P456-006 TRIPPLITE-P456-006 Datasheet
165Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 to DB25 F/M), 6-ft.
U209-006-RJ45-X TRIPPLITE-U209-006-RJ45-X Datasheet
172Kb / 2P
USB to RJ45 Cisco Serial Rollover Cable, USB Type-A to RJ45 M/M, 6 ft.
USA-19HS TRIPPLITE-USA-19HS Datasheet
165Kb / 2P
USB-A to Serial DB9 RS232 Adapter Cable - 3 ft. Keyspan, High-Speed (M/M), TAA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com