Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP0701 Datasheet(PDF) 1 Page - Supertex, Inc

Part # LP0701
Description  P-Channel Enhancement-Mode Lateral MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LP0701 Datasheet(HTML) 1 Page - Supertex, Inc

  LP0701 Datasheet HTML 1Page - Supertex, Inc LP0701 Datasheet HTML 2Page - Supertex, Inc LP0701 Datasheet HTML 3Page - Supertex, Inc LP0701 Datasheet HTML 4Page - Supertex, Inc LP0701 Datasheet HTML 5Page - Supertex, Inc LP0701 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Supertex inc.
Supertex inc. 1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
LP0701
Absolute Maximum Ratings
Parameter
Value
Drain-to-source voltage
BV
DSS
Drain-to-gate voltage
BV
DGS
Gate-to-source voltage
±10V
Operating and storage temperature
-55°C to +150°C
Soldering temperature*
+300°C
Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
*
Distance of 1.6mm from case for 10 seconds.
Pin Configurations
TO-92 (N3)
8-Lead SOIC (LG)
GATE
SOURCE
DRAIN
NC
G
NC
S
D
D
D
D
Features
Ultra-low threshold
High input impedance
Low input capacitance
Fast switching speeds
Low on-resistance
Freedom from secondary breakdown
Low input and output leakage
Applications
Logic level interfaces
Solid state relays
Battery operated systems
Photo voltaic drives
Analog switches
General purpose line drivers
P-Channel Enhancement-Mode
Lateral MOSFET
General Description
These enhancement-mode (normally-off) transistors utilize a
lateral MOS structure and Supertex’s well-proven silicon-gate
manufacturing process. This combination produces devices
with the power handling capabilities of bipolar transistors
and with the high input impedance and negative temperature
coefficient inherent in MOS devices.
Characteristic of all MOS structures, these devices are free
from thermal runaway and thermally induced secondary
breakdown. The low threshold voltage and low on-resistance
characteristics are ideally suited for hand held, battery
operated applications.
Product Marking
8-Lead SOIC (LG)
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
Si
LP
0 7 0 1
Y Y W W
TO-92 (N3)
YY = Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
YYWW
P0701
L L L L
Ordering Information
Device
Package Options
BV
DSS/BVDGS
(V)
R
DS(ON)
(Ω)
V
GS(TH)
(max)
(V)
I
D(ON)
(min)
(A)
8-Lead SOIC (Narrow Body)
TO-92
LP0701
LP0701LG-G
LP0701N3-G
-16.5
1.5
-1.0
-1.25
-G indicates package is RoHS compliant (‘Green’)
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or


Similar Part No. - LP0701

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LP0701 SUTEX-LP0701 Datasheet
32Kb / 4P
P-Channel Enhancement-Mode Lateral MOSFET
LP0701 SUTEX-LP0701 Datasheet
597Kb / 6P
P-Channel Enhancement-Mode Lateral MOSFET
LP0701 SUTEX-LP0701 Datasheet
597Kb / 6P
P-Channel Enhancement-Mode Lateral MOSFET
LP0701 SUTEX-LP0701 Datasheet
769Kb / 6P
P-Channel Enhancement-Mode Lateral MOSFET
logo
Microchip Technology
LP0701 MICROCHIP-LP0701 Datasheet
540Kb / 14P
P-Channel Enhancement-Mode Lateral MOSFET
08/15/18
More results

Similar Description - LP0701

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LP0701 SUTEX-LP0701 Datasheet
32Kb / 4P
P-Channel Enhancement-Mode Lateral MOSFET
LP0701LG-G SUTEX-LP0701LG-G Datasheet
597Kb / 6P
P-Channel Enhancement-Mode Lateral MOSFET
LP0701N3-G SUTEX-LP0701N3-G Datasheet
597Kb / 6P
P-Channel Enhancement-Mode Lateral MOSFET
LP1030D SUTEX-LP1030D Datasheet
467Kb / 3P
300V, Dual P-Channel Enhancement-Mode Lateral MOSFET
LP0701 SUTEX-LP0701_13 Datasheet
769Kb / 6P
P-Channel Enhancement-Mode Lateral MOSFET
logo
NXP Semiconductors
A2T07H310-24S NXP-A2T07H310-24S Datasheet
763Kb / 24P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T14H450-23N NXP-A2T14H450-23N Datasheet
602Kb / 17P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 01/2017
A2T18H410-24S NXP-A2T18H410-24S Datasheet
589Kb / 16P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2015
A2T18S260W12N NXP-A2T18S260W12N Datasheet
321Kb / 14P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 2/2016
logo
Microchip Technology
LP0701 MICROCHIP-LP0701 Datasheet
540Kb / 14P
P-Channel Enhancement-Mode Lateral MOSFET
08/15/18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com