Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS0404FP4 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # JS0404FP4
Description  General Specifications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JS0404FP4 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  JS0404FP4 Datasheet HTML 1Page - List of Unclassifed Manufacturers JS0404FP4 Datasheet HTML 2Page - List of Unclassifed Manufacturers JS0404FP4 Datasheet HTML 3Page - List of Unclassifed Manufacturers JS0404FP4 Datasheet HTML 4Page - List of Unclassifed Manufacturers JS0404FP4 Datasheet HTML 5Page - List of Unclassifed Manufacturers JS0404FP4 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
H
Series JS02 & JS04
Ultra-Miniature SMT DIP Slides
www.nkk.com
H25
Extended and flush slide actuators available.
Twin sliding contact mechanism with self-cleaning action (JS02)
provides smooth actuation and produces high contact reliability.
Gold plated contacts prevent oxidation and sulfide effect
and provide stable contact resistance.
Use of self-extinguishing UL94V-0 certified material
in cover and base provides high arc resistance and
high insulation resistance.
Gull-wing terminals ensure secure PCB mounting
and prevent dislodging during vapor phase and
infrared convection reflow soldering.
Terminal spacing conforms to standard PCB grid.
For JS02: .100” (2.54mm)
For JS04: .050” (1.27mm)
End-to-end stackable.
Packaged in tape-reel or stick-tube. Tape-reel packaging meets
EIA-481-D Standard.
Coplanarity: all considered surfaces must lie between two parallel planes
that are a maximum distance apart of .0059” (0.15mm). (Additional
coplanarity details in Terms and Acronyms in the Supplement section.)
Actual Sizes
JS02
JS04
Distinctive Characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com