Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L297 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L297
Description  STEPPER MOTOR CONTROLLERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L297 Datasheet(HTML) 5 Page - STMicroelectronics

  L297 Datasheet HTML 1Page - STMicroelectronics L297 Datasheet HTML 2Page - STMicroelectronics L297 Datasheet HTML 3Page - STMicroelectronics L297 Datasheet HTML 4Page - STMicroelectronics L297 Datasheet HTML 5Page - STMicroelectronics L297 Datasheet HTML 6Page - STMicroelectronics L297 Datasheet HTML 7Page - STMicroelectronics L297 Datasheet HTML 8Page - STMicroelectronics L297 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MOTOR DRIVING PHASE SEQUENCES
The L297’s translator generates phase sequences
for normal drive, wave drive and half step modes.
The state sequences and output waveforms for
these three modes are shown below. In all cases
the translator advances on the low to high transis-
tion of CLOCK.
Clockwise rotation is indicate; for anticlockwise ro-
tation the sequences are simply reversed RESET
restores the translator to state 1, where ABCD =
0101.
HALF STEP MODE
Half step mode is selected by a high level on the HALF/FULL input.
NORMAL DRIVE MODE
Normal drive mode (also called "two-phase-on" drive) is selected by a low level on the HALF/FULL input
when the translator is at an odd numbered state (1, 3, 5 or 7). In this mode the INH1 and INH2 outputs
remain high throughout.
5/11
L297



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com