Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC50 Datasheet(PDF) 1 Page - Allied Components International

Part # AC50
Description  Axial Coated Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AC50 Datasheet(HTML) 1 Page - Allied Components International

  AC50 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC50 Axial Coated Inductors
Allied
Part
Number
Rated
Current
(mA)
Inductance
(µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
DCR
Max.
(Ω)
AC50-1R0K-RC
1.0
10
47
7.9
0.07
1900
AC50-1R5K-RC
1.5
10
45
7.9
0.12
1300
AC50-2R2K-RC
2.2
10
45
7.9
0.19
1100
AC50-3R3K-RC
3.3
10
44
7.9
0.35
800
AC50-4R7K-RC
4.7
10
44
7.9
0.55
650
All specifications subject to change without notice.
1.15 NOMINAL
1.15 NOMINAL
22AWG
0.375
(9.52)
MAX.
0.175
(4.44)
MAX.
Dimensions:
Inches
(mm)
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Features
• Incorporation of a special lead wire
in exisitng Axial leaded products such as
open coil.
• High Current Capacity
Electrical
Test Equipment
Physical
Packaging: 5000 pieces per 13” Tape and reel
configuration eliminating defects inherent
Inductance Range: 1.0µh to 10,000µh
Tolerance: 10% over entire range
Test Frequency: as noted in table
Operating Temp: -55ºC ~ +125ºC
L from initial value.
(L) & (Q): HP 4342A Q meter or equivalent
DCR: CH301 Current Source and DCR Meter
SRF: HP4191A
Marking: 4 Band Color Code
Available in tighter tolerances
• Expanded operating temp range
• Low DC Resistance
Part temperature should not exceed
Current Rating: Based on a 10% drop in
• Available on tape and Reel or Ammo
Pack for Auto placement.
125ºC
IDC: CH301 Current Source and DCR Meter
3000 pieces per Ammo Pack
REVISED 10/13/10
AC50-1R2K-RC
1.2
10
46
7.9
0.093 1600
SRF
(MHz)
140
130
115
AC50-1R8K-RC
1.8
10
43
7.9
0.14
1200
105
100
AC50-2R7K-RC
2.7
10
46
7.9
0.28
950
92
85
AC50-3R9K-RC
3.9
10
44
7.9
0.40
750
75
70
AC50-5R6K-RC
5.6
10
47
7.9
0.72
550
65
AC50-6R8K-RC
6.8
10
50
7.9
1.02
500
AC50-100K-RC
10
10
49
7.9
1.62
450
AC50-150K-RC
15
10
44
2.5
0.80
620
AC50-220K-RC
22
10
46
2.5
0.96
600
AC50-330K-RC
33
10
45
2.5
1.37
490
AC50-8R2K-RC
8.2
10
50
7.9
1.32
475
55
50
46
AC50-120K-RC
12
10
55
2.5
2.00
400
44
49
AC50-180K-RC
18
10
45
2.5
0.89
610
45
40
AC50-270K-RC
27
10
49
2.5
1.19
500
38
34
AC50-390K-RC
39
10
53
2.5
1.93
410
29
AC50-470K-RC
47
10
52
2.5
2.11
400
AC50-680K-RC
68
10
51
2.5
2.70
370
AC50-100K-RC
100
10
45
2.5
3.12
325
AC50-151K-RC
150
10
56
.79
4.10
275
AC50-221K-RC
220
10
58
.79
5.00
250
AC50-560K-RC
56
10
49
2.5
2.23
380
27
25
21
AC50-820K-RC
82
10
45
2.5
2.44
360
10.5
10
AC50-121K-RC
120
10
57
.79
3.60
290
9.7
8.5
AC50-181K-RC
180
10
60
.79
4.40
260
8.0
7.5
AC50-271K-RC
270
10
60
.79
5.80
240
7.0
AC50-331K-RC
330
10
54
.79
6.40
225
AC50-471K-RC
470
10
60
.79
9.50
180
AC50-681K-RC
680
10
60
.79
11.8
168
AC50-102K-RC
1000
10
65
.79
17.5
135
AC50-152K-RC
1500
10
49
.25
26.5
110
AC50-391K-RC
390
10
67
.79
7.40
200
6.5
6.2
5.7
AC50-561K-RC
560
10
60
.79
10.5
174
4.7
4.5
AC50-821K-RC
820
10
57
.79
13.0
152
4.2
3.8
AC50-122K-RC
1200
10
45
.25
22.1
115
1.5
1.2
AC50-182K-RC
1800
10
47
.25
29.9
105
1.0
AC50-222K-RC
2200
10
50
.25
33.8
99
AC50-332K-RC
3300
10
43
.25
53.0
80
AC50-472K-RC
4700
10
44
.25
81.6
63
AC50-682K-RC
6800
10
43
.25
111
54
AC50-103K-RC
10000
10
49
.25
137
49
AC50-272K-RC
2700
10
47
.25
47.3
83
0.97
0.92
0.84
AC50-392K-RC
3900
10
43
.25
73.8
67
0.80
0.74
AC50-562K-RC
5600
10
45
.25
98.9
56
0.73
0.66
AC50-822K-RC
8200
10
42
.25
119
52
0.54
0.47
For Tape and Reel packaging please
add ”-TR” to the part number.


Similar Part No. - AC50

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AC50-100K-RC ALLIED-AC50-100K-RC Datasheet
784Kb / 1P
Axial Coated Inductors
AC50-102K-RC ALLIED-AC50-102K-RC Datasheet
784Kb / 1P
Axial Coated Inductors
AC50-103K-RC ALLIED-AC50-103K-RC Datasheet
784Kb / 1P
Axial Coated Inductors
AC50-120K-RC ALLIED-AC50-120K-RC Datasheet
784Kb / 1P
Axial Coated Inductors
AC50-121K-RC ALLIED-AC50-121K-RC Datasheet
784Kb / 1P
Axial Coated Inductors
More results

Similar Description - AC50

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AC20-R027M-RC ALLIED-AC20-R027M-RC Datasheet
932Kb / 1P
Axial Coated Inductors
AC40-122K-RC ALLIED-AC40-122K-RC Datasheet
824Kb / 1P
Axial Coated Inductors
AC20-R027M-RC ALLIED-AC20-R027M-RC_10 Datasheet
937Kb / 1P
Axial Coated Inductors
AC30-R10K-RC ALLIED-AC30-R10K-RC_10 Datasheet
1,003Kb / 1P
Axial Coated Inductors
AC40-122K-RC ALLIED-AC40-122K-RC_10 Datasheet
898Kb / 1P
Axial Coated Inductors
AC80-1R0K-RC ALLIED-AC80-1R0K-RC Datasheet
1Mb / 1P
Axial Coated Inductors
AC20 ALLIED-AC20 Datasheet
969Kb / 1P
Axial Coated Inductors
AC30 ALLIED-AC30 Datasheet
967Kb / 1P
Axial Coated Inductors
AC40 ALLIED-AC40 Datasheet
864Kb / 1P
Axial Coated Inductors
AC35 ALLIED-AC35 Datasheet
1Mb / 2P
Axial Coated Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com