Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC30-R33K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # AC30-R33K-RC
Description  Axial Coated Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AC30-R33K-RC Datasheet(HTML) 1 Page - Allied Components International

  AC30-R33K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC30-R10K-RC
.10
10
50
25.2
470
0.04
900
AC30-R12K-RC
.12
10
50
25.2
450
0.06
900
AC30-R15K-RC
.15
10
50
25.2
430
0.07
890
AC30-R18K-RC
.18
10
50
25.2
410
0.07
890
AC30-R22K-RC
.22
10
50
25.2
380
0.08
880
AC30-R27K-RC
.27
10
50
25.2
340
0.09
800
AC30-R33K-RC
.33
10
50
25.2
300
0.10
750
AC30-R39K-RC
.39
10
50
25.2
280
0.12
680
AC30-R47K-RC
.47
10
50
25.2
250
0.16
650
AC30-R56K-RC
.56
10
50
25.2
230
0.18
600
AC30-R68K-RC
.68
10
50
25.2
210
0.22
550
AC30-R82K-RC
.82
10
50
25.2
172
0.24
980
AC30-1R0K-RC
1.0
10
50
25.2
157
0.09
920
AC30-1R2K-RC
1.2
10
50
7.96
144
0.10
880
AC30-1R5K-RC
1.5
10
50
7.96
131
0.23
830
AC30-1R8K-RC
1.8
10
55
7.96
121
0.25
790
AC30-2R2K-RC
2.2
10
55
7.96
110
0.28
750
AC30-2R7K-RC
2.7
10
60
7.96
100
0.30
720
AC30-3R3K-RC
3.3
10
65
7.96
94
0.34
670
AC30-3R9K-RC
3.9
10
65
7.96
86
0.37
640
AC30-4R7K-RC
4.7
10
70
7.96
80
0.39
620
AC30-5R6K-RC
5.6
10
70
7.96
74
0.43
590
AC30-6R8K-RC
6.8
10
75
7.96
58
0.48
550
AC30-8R2K-RC
8.2
10
80
7.96
53
0.52
530
AC30-100K-RC
10
10
85
7.96
45
0.58
500
AC30-120K-RC
12
10
75
2.52
30
0.63
480
AC30-150K-RC
15
10
70
2.52
20
0.72
460
AC30-180K-RC
18
10
65
2.52
14
0.77
430
AC30-220K-RC
22
10
40
2.52
9.9
0.84
410
AC30-270K-RC
27
10
55
2.52
7.6
0.94
390
AC30-330K-RC
33
10
55
2.52
6.3
1.03
370
AC30-390K-RC
39
10
50
2.52
6.3
1.12
350
AC30-470K-RC
47
10
45
2.52
6.3
1.22
340
AC30-560K-RC
56
10
40
2.52
6.2
1.34
320
AC30-680K-RC
68
10
40
2.52
5.7
1.47
305
AC30-820K-RC
82
10
35
2.52
5.3
1.62
290
AC30-101K-RC
100
10
30
2.52
4.8
1.80
275
AC30-121K-RC
120
10
70
.796
3.8
3.70
185
AC30-151K-RC
150
10
70
.796
3.5
4.20
175
AC30-181K-RC
180
10
70
.796
3.3
4.60
165
AC30-221K-RC
220
10
70
.796
3.0
5.10
155
AC30-271K-RC
270
10
65
.796
2.8
5.80
145
AC30-331K-RC
330
10
65
.796
2.6
6.40
137
AC30-391K-RC
390
10
65
.796
2.4
7.00
133
AC30-471K-RC
470
10
60
.796
2.25
7.70
126
AC30-561K-RC
560
10
60
.796
2.1
8.5
120
AC30-681K-RC
680
10
55
.796
1.95
9.4
113
AC30-821K-RC
820
10
55
.796
1.85
12.0
100
AC30-102K-RC
1000
10
50
.252
1.4
17.4
100
Axial Coated Inductors
AC30
Features
• Incorporation of a special lead wire
structure entirely eliminates defects
inherent in existing axial lead type
products and prevents lead breakage.
• The special magnetic core structure
permits the product to have reduced
size, high "Q" and self resonant
frequencies.
• Treated with epoxy resin coating for
humidity resistance to ensure longer
life.
• Heat resistant adhesives and special
structural design for effective open
circuit measurement.
Electrical
Inductance Range: .10µh to 1000µh.
Tolerance: 10% over entire range. Tighter
tolerances available
Temp. Rise: 20°C.
Ambient Temp.: 80°C.
Rated Temp Range: -20 to +100°C.
Dielectric Withstanding Voltage: 250 Volts
R.M.S.
Rated Current: Based on temp rise.
Mechanical
Terminal Tensile Strength: 1.0 kg min.
Terminal Bending Strength: .3 kg min.
Physical
Marking (on reel): Manufacturers name,
Part number, Quantity,
Marking: 4 band color code.
Packaging: 5000 pieces per Ammo
Allied
Part
Number
Inductance
(µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(Ω)
Rated
Current
(mA)
All specifications subject to change without notice.
NOMINAL
24AWG
0.157
(3.99)
MAX.
0.394
(10.01)
MAX.
Dimensions:
Inches
(mm)
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
1.15
(29)
NOMINAL
1.15
(29)
For Tape and Reel packaging please
add ”-TR” to the part number.
Pack.
REVISED 10/13/10


Similar Part No. - AC30-R33K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AC30-R33K-RC ALLIED-AC30-R33K-RC Datasheet
927Kb / 1P
Axial Coated Inductors
AC30-R33K-RC ALLIED-AC30-R33K-RC Datasheet
1,003Kb / 1P
Axial Coated Inductors
More results

Similar Description - AC30-R33K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AC20-R027M-RC ALLIED-AC20-R027M-RC Datasheet
932Kb / 1P
Axial Coated Inductors
AC40-122K-RC ALLIED-AC40-122K-RC Datasheet
824Kb / 1P
Axial Coated Inductors
AC10-R10M-RC ALLIED-AC10-R10M-RC_10 Datasheet
885Kb / 1P
Axial Coated Inductors
AC20-R027M-RC ALLIED-AC20-R027M-RC_10 Datasheet
937Kb / 1P
Axial Coated Inductors
AC30-R10K-RC ALLIED-AC30-R10K-RC_10 Datasheet
1,003Kb / 1P
Axial Coated Inductors
AC40-122K-RC ALLIED-AC40-122K-RC_10 Datasheet
898Kb / 1P
Axial Coated Inductors
AC80-1R0K-RC ALLIED-AC80-1R0K-RC Datasheet
1Mb / 1P
Axial Coated Inductors
AC20 ALLIED-AC20 Datasheet
969Kb / 1P
Axial Coated Inductors
AC40 ALLIED-AC40 Datasheet
864Kb / 1P
Axial Coated Inductors
AC35 ALLIED-AC35 Datasheet
1Mb / 2P
Axial Coated Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com