Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHC30-R22M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # AHC30-R22M-RC
Description  Axial High Current Chokes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AHC30-R22M-RC Datasheet(HTML) 1 Page - Allied Components International

  AHC30-R22M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AHC30 Axial High Current Chokes
Features
• Axial pre-tinned leads.
• Protected with Varnish or UL
shrink tubing.
• Non standard values and tolerances
available.
• High saturation core material used for
high inductance and low DCR.
Electrical
Inductance: Measured with HP4284A
at specified frequency.
Rated Current: Based on T=40ºC.
Tolerance: 20% from .15uh to 1.0uh
10% from 1.2uh to 56uh.
Physical
Marking (on Part): UL tubing marked
with EIA code. Varnish parts not
marked.
Marking (on Reel): Manufactures
Name, Part Number, Customers
Part Number, Invoice Number, Lot or
Date Code.
Packaging: 100 pieces per tray.
AHC30-R15M-RC
0.15
20
70
25.2
480
0.018
1850
AHC30-R18M-RC
0.18
20
70
25.2
450
0.022
1800
AHC30-R22M-RC
0.22
20
70
25.2
400
0.025
1740
AHC30-R27M-RC
0.27
20
70
25.2
380
0.029
1680
AHC30-R33M-RC
0.33
20
70
25.2
300
0.032
1610
AHC30-R39M-RC
0.39
20
70
25.2
280
0.035
1540
AHC30-R47M-RC
0.47
20
70
25.2
260
0.039
1430
AHC30-R56M-RC
0.56
20
70
25.2
210
0.049
1320
AHC30-R68M-RC
0.68
20
70
25.2
190
0.078
1200
AHC30-R82M-RC
0.82
20
70
25.2
180
0.090
1130
AHC30-1R0M-RC
1.0
20
70
25.2
165
0.105
1020
AHC30-1R2K-RC
1.2
10
55
7.96
150
0.063
1580
AHC30-1R5K-RC
1.5
10
55
7.96
135
0.071
1500
AHC30-1R8K-RC
1.8
10
55
7.96
125
0.078
1450
AHC30-2R2K-RC
2.2
10
55
7.96
115
0.088
1380
AHC30-2R7K-RC
2.7
10
55
7.96
105
0.098
1320
AHC30-3R3K-RC
3.3
10
60
7.96
90
0.205
870
AHC30-3R9K-RC
3.9
10
60
7.96
85
0.225
840
AHC30-4R7K-RC
4.7
10
60
7.96
80
0.250
800
AHC30-5R6K-RC
5.6
10
60
7.96
70
0.280
750
AHC30-6R8K-RC
6.8
10
60
7.96
65
0.310
710
AHC30-8R2K-RC
8.2
10
55
7.96
60
0.350
680
AHC30-100K-RC
10
10
55
7.96
55
0.390
640
AHC30-120K-RC
12
10
65
2.52
45
0.670
450
AHC30-150K-RC
15
10
65
2.52
40
0.760
430
AHC30-180K-RC
18
10
70
2.52
36
0.850
410
AHC30-220K-RC
22
10
70
2.52
33
0.960
390
AHC30-270K-RC
27
10
70
2.52
31
1.100
360
AHC30-330K-RC
33
10
65
2.52
29
1.240
345
AHC30-390K-RC
39
10
65
2.52
26
1.370
330
AHC30-470K-RC
47
10
60
2.52
23
1.650
315
AHC30-560K-RC
56
10
55
2.52
20
1.950
300
Allied
Part
Number
Rated
Current
(mA)
Inductance
(µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
DCR
Max.
(Ω)
SRF
Min.
(MHz)
All specifications subject to change without notice.
22 AWG
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
Dimensions:
Inches
(mm)
NOMINAL
0.50
(12.70)
MAX.
0.18
(4.57)
MAX.
1.0
(25.4)
NOMINAL
1.0
(25.4)
Revised 03-16-12


Similar Part No. - AHC30-R22M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AHC30-R22M-RC ALLIED-AHC30-R22M-RC Datasheet
769Kb / 1P
Axial High Current Chokes
More results

Similar Description - AHC30-R22M-RC

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
11407 FRONTIER-11407 Datasheet
113Kb / 2P
High Current RF Varnished Chokes (Axial Leads)
11411 FRONTIER-11411 Datasheet
113Kb / 2P
High Current RF Varnished Chokes (Axial Leads)
logo
Allied Components Inter...
AHC30-R15M-RC ALLIED-AHC30-R15M-RC Datasheet
769Kb / 1P
Axial High Current Chokes
AHC40-1-500K-RC ALLIED-AHC40-1-500K-RC Datasheet
736Kb / 1P
Axial High Current Chokes
AHC50-3R35M-RC ALLIED-AHC50-3R35M-RC Datasheet
852Kb / 1P
Axial High Current Chokes
logo
Frontier Electronics.
114073R9_-LFR FRONTIER-114073R9_-LFR Datasheet
46Kb / 2P
High Current RF Varnished Chokes (Axial Leads)
114113R9_-LFR FRONTIER-114113R9_-LFR Datasheet
78Kb / 2P
High Current RF Varnished Chokes (Axial Leads)
logo
Allied Components Inter...
AHC40 ALLIED-AHC40 Datasheet
740Kb / 1P
Axial High Current Chokes
AHC50 ALLIED-AHC50 Datasheet
853Kb / 1P
Axial High Current Chokes
AVHF20 ALLIED-AVHF20 Datasheet
229Kb / 1P
Axial High Current Chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com