Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM30-R15M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # AM30-R15M-RC
Description  Axial Molded Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AM30-R15M-RC Datasheet(HTML) 1 Page - Allied Components International

  AM30-R15M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AM30 Axial Molded Inductors
AM30-R15M-RC
.15
20
50
25
525
0.03
2740
AM30-R22M-RC
.22
20
50
25
450
.055
2020
AM30-R33M-RC
.33
20
45
25
360
0.09
1580
AM30-R47M-RC
.47
20
45
25
310
0.12
1370
AM30-R56K-RC
.56
10
50
25
280
.135
1290
AM30-R68K-RC
.68
10
50
25
250
0.15
1220
AM30-R82K-RC
.82
10
50
25
220
0.22
1020
AM30-1R0K-RC
1.0
10
50
25
200
0.29
880
AM30-1R2K-RC
1.2
10
33
7.9
180
0.42
730
AM30-1R5K-RC
1.5
10
33
7.9
160
0.50
670
AM30-1R8K-RC
1.8
10
33
7.9
150
0.65
590
AM30-2R2K-RC
2.2
10
33
7.9
135
0.95
485
AM30-2R7K-RC
2.7
10
33
7.9
120
1.20
430
AM30-3R3K-RC
3.3
10
33
7.9
110
2.00
335
AM30-3R9K-RC
3.9
10
33
7.9
100
2.30
310
AM30-4R7K-RC
4.7
10
33
7.9
90
2.60
294
AM30-5R6K-RC
5.6
10
45
7.9
60
0.32
565
AM30-6R8K-RC
6.8
10
50
7.9
55
0.50
450
AM30-8R2K-RC
8.2
10
50
7.9
50
0.60
410
AM30-100K-RC
10
10
55
7.9
45
0.90
335
AM30-120K-RC
12
10
65
2.5
42
1.10
305
AM30-150K-RC
15
10
65
2.5
40
1.40
271
AM30-180K-RC
18
10
75
2.5
34
2.25
213
AM30-220K-RC
22
10
75
2.5
30
2.50
202
AM30-240K-RC
24
10
60
2.5
26
2.50
202
AM30-270K-RC
27
10
60
2.5
25
2.60
198
AM30-300K-RC
30
10
65
2.5
21
2.80
191
AM30-330K-RC
33
10
65
2.5
19
3.00
185
AM30-360J-RC
36
5
60
2.5
15.5
2.50
202
AM30-390J-RC
39
5
60
2.5
14.5
2.60
198
AM30-430J-RC
43
5
60
2.5
13.7
2.70
194
AM30-470J-RC
47
5
55
2.5
13.0
2.75
193
AM30-510J-RC
50
5
55
2.5
12.7
2.85
189
AM30-560J-RC
56
5
55
2.5
12.0
3.00
184
AM30-620J-RC
62
5
55
2.5
11.5
3.15
180
AM30-680J-RC
68
5
55
2.5
11.0
3.30
176
AM30-750J-RC
75
5
55
2.5
10.5
3.70
166
AM30-820J-RC
82
5
50
2.5
10.3
3.90
162
AM30-910J-RC
91
5
50
2.5
10.0
4.30
154
AM30-101J-RC
100
5
50
2.5
9.5
4.50
151
AM30-111J-RC
110
5
60
.79
8.9
4.90
144
AM30-121J-RC
120
5
65
.79
8.7
5.20
140
AM30-131J-RC
130
5
65
.79
8.5
5.45
137
AM30-151J-RC
150
5
65
.79
8.0
6.05
130
AM30-161J-RC
160
5
65
.79
7.5
6.40
126
AM30-181J-RC
180
5
65
.79
8.0
6.05
130
AM30-201J-RC
200
5
65
.79
6.5
7.10
123
AM30-221J-RC
220
5
65
.79
6.2
7.45
117
AM30-241J-RC
240
5
65
.79
5.9
7.80
115
AM30-271J-RC
270
5
65
.79
5.7
11.0
143
AM30-301J-RC
300
5
65
.79
5.4
11.5
140
AM30-331J-RC
330
5
65
.79
5.1
12.0
136
AM30-361J-RC
360
5
65
.79
4.8
12.5
134
AM30-391J-RC
390
5
65
.79
4.5
16.3
117
AM30-431J-RC
430
5
65
.79
4.2
17.1
115
AM30-471J-RC
470
5
65
.79
3.9
17.9
112
AM30-511J-RC
510
5
65
.79
3.7
18.8
109
AM30-561J-RC
560
5
65
.79
3.8
19.5
107
AM30-621J-RC
620
5
65
.79
3.3
25.9
93
AM30-681J-RC
680
5
65
.79
3.1
27.2
91
AM30-751J-RC
750
5
65
.79
2.9
28.6
88
AM30-821J-RC
820
5
65
.79
2.7
30.0
86
AM30-911J-RC
910
5
65
.79
2.5
31.5
84
AM30-102J-RC
1000
5
65
.79
2.3
33.0
82
Rated
Current
(mA)
Allied
Part
Number
Inductance
(µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(Ω)
Electrical
Inductance Range: .10 µH to 1000 µH.
Tolerance: 20% for values from .10 µH
to .47 µH. 10 % for values from .56 µH
to 33 µH. 5% for values from 36 µH to
1000 µH. Also available in tighter
tolerances.
Rated Current: Based on Inductance
Drop < 10% at rated current.
Test Procedures: L and Q measured with
HP4342A. Q meter at specified frequency.
SRF measured with HP-4191A,4291. DCR
Dielectric Strength: 1000 volts RMS at
sea level.
Operating Temp.: -55°C to + 125°C.
Physical
Marking (on part): 5 Band Color Code per
MIL-C-15305.
Marking (on reel): Manufacturers name,
Part Number, Customers Part Number,
Packaging (bulk): 500 pieces per bag.
Packaging (reel): 2500 pieces per reel.
All specifications subject to change without notice.
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
NOMINAL
22AWG
0.375±0.01
(9.53±0.25)
0.156±0.01
(3.96±0.25)
Dimensions:
Inches
(mm)
1.15
(29)
NOMINAL
1.15
(29)
measured with CH-301 Digital Milliohm
meter.
Invoice Number, Lot or Data Code.
AM30-R10M-RC
.10
20
50
25
520
0.02
2780
AM30-R12M-RC
.12
20
50
25
525
.025
2740
AM30-R39M-RC
.39
20
45
25
330
0.11
1420
REVISED 09/17/10
For Tape and Reel packaging please
add ”-TR” to the part number.


Similar Part No. - AM30-R15M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AM30-R15M-RC ALLIED-AM30-R15M-RC Datasheet
889Kb / 1P
Axial Molded Inductors
AM30-R15M-RC ALLIED-AM30-R15M-RC Datasheet
896Kb / 1P
Axial Molded Inductors
More results

Similar Description - AM30-R15M-RC

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTM1F CT-CTM1F Datasheet
197Kb / 1P
Molded Inductors - Axial
CTM2474F CT-CTM2474F Datasheet
197Kb / 1P
Molded Inductors - Axial
CTM2F CT-CTM2F Datasheet
197Kb / 1P
Molded Inductors - Axial
CTM3F CT-CTM3F Datasheet
166Kb / 1P
Molded Inductors - Axial
logo
Allied Components Inter...
AM20-R10K-RC ALLIED-AM20-R10K-RC Datasheet
356Kb / 1P
Axial Molded Inductors
AM30-R10M-RC ALLIED-AM30-R10M-RC Datasheet
889Kb / 1P
Axial Molded Inductors
AM20-R022K-RC ALLIED-AM20-R022K-RC Datasheet
548Kb / 2P
Axial Molded Inductors
AM40 ALLIED-AM40 Datasheet
261Kb / 1P
Axial Molded Inductors
AM20 ALLIED-AM20 Datasheet
546Kb / 2P
Axial Molded Inductors
logo
Central Technologies
CTM4F CT-CTM4F Datasheet
97Kb / 1P
Molded Inductors - Axial
REV 01.25.18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com