Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U200021 Datasheet(PDF) 1 Page - E-SWITCH

Part # U200021
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

U200021 Datasheet(HTML) 1 Page - E-SWITCH

  U200021 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
RDTAR16S2T
10/17/2012
U200021
A
EBP
1
1
C
1
2
4
8
8
C
4
PCB LAYOUT
1
2
4
2
2
C
8
C
8
6
1
2
1
4
2
0
1
13
14
B
12
11
15
7
5
4
3
3
2
0
5
4
6
7
8
9
10
A
9
8
C
D
E
F
REAL CODE
A
20827
RELEASE TO PRODUCTION
10/17/12
EBP
6.50
[.256 in]
10.00
[.394 in]
10.00
[.394 in]
NOTES:
1. ALL DIMESNIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=`0.4
X.XX=`0.25
3. TERMINAL NUMBERS FOR REFERENCE ONLY
4. OPERATING FORCE: 700gf-cm MAX.
5. CONTACT RATING: 150mA, 42V DC (SWITCHING)
200mA 42V DC (NON-SWITCHING)
6. CONTACT RESISTANCE: 80mW MAX.
7. INSULATION RESISTANCE: 100MW MIN @ 250VDC
8. DIELECTRIC STRENGTH: 250VAC 1 MIN.
9. LIFE: 10,000 STEPS
10. OPERATING TEMPERATURE: -60~C TO 125~C
11. PACKAGING: 50 PCS TUBE
12.
DENOTES CRITICAL PARAMETER
13. 2011/65/EU (ROHS) COMPLIANT
n4.10
[.161 in]
2.20
[.087 in]
.20
[.008 in]
6.80
[.268 in]
.54
[.021 in]
5.08
[.200 in]
12.00
[.472 in]
2.60
[.102 in]
1.20
[.047 in]
2.54
[.100 in]
14.60
[.575 in]
n9.60
[.378 in]
2.54
[.100 in]


Similar Part No. - U200021

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
U200020 E-SWITCH-U200020 Datasheet
95Kb / 1P
ALL DIMENSIONS IN MM [INCH]
U200022 E-SWITCH-U200022 Datasheet
113Kb / 1P
ALL DIMENSIONS IN MM [INCH]
U200023 E-SWITCH-U200023 Datasheet
102Kb / 1P
ALL DIMENSIONS IN MM [INCH]
U200024 E-SWITCH-U200024 Datasheet
90Kb / 1P
ALL DIMENSIONS IN MM [INCH]
U200025 E-SWITCH-U200025 Datasheet
97Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - U200021

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com